Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM4068 Datasheet (PDF) - NXP Semiconductors

OM4068 Datasheet PDF - NXP Semiconductors
Part # OM4068
Download  OM4068 Download
File Size   156.62 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description LCD driver for low multiplex rates

OM4068 Datasheet (PDF)

Go To PDF Page Download Datasheet
OM4068 Datasheet PDF - NXP Semiconductors

Part # OM4068
Download  OM4068 Click to download

File Size   156.62 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description LCD driver for low multiplex rates

OM4068 Datasheet (HTML) - NXP Semiconductors


OM4068 Product details

GENERAL DESCRIPTION
The OM4068 is a low-power CMOS LCD driver, designed to drive Liquid Crystal Displays (LCDs) with low multiplex rates. It generates the drive signals for any static or multiplexed LCD containing up to three backplanes and up to 32 segment lines and can be easily cascaded for larger LCD applications. All necessary functions for the display are provided in a single chip, including on-chip generation of LCD bias voltages, resulting in a minimum of external components and lower power consumption. A 3-line bus structure enables serial data transfer with most microprocessors/microcontrollers. All inputs are CMOS compatible.

FEATURES
• Single-chip LCD controller/driver
• Static/duplex/triplex drive modes with up to 32/64/96 LCD segments drive capability per device
• Selectable backplane drive configuration: static or 2 or 3 backplane multiplexing
• Selectable display bias configuration drive: static, 1⁄2 or 1⁄3
• 32 segment drivers
• Serial data input (word length 32 to 96 bits)
• On-chip generation of intermediate LCD bias voltages
• 2 MHz fast serial bus interface
• CMOS compatible
• Compatible with any 4-bit, 8-bit or 16-bit microprocessors/microcontrollers
• May be cascaded for large LCD applications
• Logic supply voltage range (VDD − VSS) of 2.5 to 5.5 V
• Display supply voltage range (VLCD − VSS) of 3.5 to 6.5 V
• Low power consumption, suitable for battery operated systems
• No external components needed by the oscillator
• Manufactured in silicon gate CMOS process.

APPLICATIONS
• Telecom equipment
• Portable instruments
• Alarm systems
• Automotive equipment.




Similar Part No. - OM4068

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
OM406BCO PULSE-OM406BCO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
OM406BCO PULSE-OM406BCO Datasheet
395Kb / 3P
UHF 406-512 MHz
OM406BCO PULSE-OM406BCO Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
OM406CK PULSE-OM406CK Datasheet
294Kb / 11P
Outside coupler and factory tuned whip only for KG UHF glass mount antennas
OM406CK PULSE-OM406CK Datasheet
395Kb / 3P
UHF 406-512 MHz
More results


Similar Description - OM4068

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCF85132 NXP-PCF85132 Datasheet
1Mb / 54P
LCD driver for low multiplex rates
Rev. 1-23 November 2010
PCA85232 NXP-PCA85232 Datasheet
391Kb / 54P
LCD driver for low multiplex rates
Rev. 1-8 December 2010
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
logo
ON Semiconductor
AX2061 ONSEMI-AX2061 Datasheet
187Kb / 18P
LCD Driver for Low Multiplex Rates
March, 2016 ??Rev. 3
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com