Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSTBP381 Datasheet (PDF) - CamdenBoss Ltd.

CSTBP381 Datasheet PDF - CamdenBoss Ltd.
Part # CSTBP381
Download  CSTBP381 Download
File Size   344.47 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.81mm screwless terminal blocks

CSTBP381 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSTBP381 Datasheet PDF - CamdenBoss Ltd.

Part # CSTBP381
Download  CSTBP381 Click to download

File Size   344.47 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.81mm screwless terminal blocks

CSTBP381 Datasheet (HTML) - CamdenBoss Ltd.


CSTBP381 Product details

Product ove r v i ew
• Interlocking modules
• Easily breakable to desired number of
poles
• Guided pin alignment
• Moulded in green UL94-V0 PA66
• 0.5-2.5mm2 cable (20-14AWG)

KEY FEATURES
D u a l row p i n s | S c rewless a c t u ated cage te r m i n a l s | M o d u l a r d e s i g n




Similar Part No. - CSTBP381

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254H/10 CAMDENBOSS-CSTBP254H/10 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254H/10 CAMDENBOSS-CSTBP254H/10 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254H/11 CAMDENBOSS-CSTBP254H/11 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254H/11 CAMDENBOSS-CSTBP254H/11 Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
More results


Similar Description - CSTBP381

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB41-2 DUBILIER-DBCTB41-2 Datasheet
98Kb / 1P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
DBCTB702 DUBILIER-DBCTB702 Datasheet
294Kb / 2P
TERMINAL BLOCKS 3.5mm 3.81mm PITCH - SCREWLESS
logo
CamdenBoss Ltd.
CSTBP254H CAMDENBOSS-CSTBP254H Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP254V CAMDENBOSS-CSTBP254V Datasheet
453Kb / 1P
2.54mm screwless terminal blocks
CSTBP45VDA CAMDENBOSS-CSTBP45VDA Datasheet
491Kb / 1P
3.5mm 45° screwless terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
5mm screwless terminal blocks
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP762H CAMDENBOSS-CSTBP762H Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
CSTBP762V CAMDENBOSS-CSTBP762V Datasheet
467Kb / 1P
7.62mm screwless terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com