Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP92VD Datasheet (PDF) - CamdenBoss Ltd.

CTBP92VD Datasheet PDF - CamdenBoss Ltd.
Part # CTBP92VD
Download  CTBP92VD Download
File Size   766.79 Kbytes
Page   2 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm pitch pluggable rising clamp terminal blocks

CTBP92VD Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP92VD Datasheet PDF - CamdenBoss Ltd.

Part # CTBP92VD
Download  CTBP92VD Click to download

File Size   766.79 Kbytes
Page   2 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 3.5mm pitch pluggable rising clamp terminal blocks

CTBP92VD Datasheet (HTML) - CamdenBoss Ltd.


CTBP92VD Product details

Product ove r v i ew
• 2-12 pole solid block professional rising clamp terminals
• Moulded in green UL94-V0 flame retardant PA66
• Cable acceptance - 0.32 to 1.3mm2 (28-16AWG) solid
and stranded cable
• Polarised mouldings
• Pluggable male and female connectors
• Closed headers
• Horizontal and vertical female plug styles
• Anti solder wicking
• Captive screws
• Guided pin alignment




Similar Part No. - CTBP92VD

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92VD/10R CAMDENBOSS-CTBP92VD/10R Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VD/10R CAMDENBOSS-CTBP92VD/10R Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VD/10R CAMDENBOSS-CTBP92VD/10R Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VD/10S CAMDENBOSS-CTBP92VD/10S Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VD/10S CAMDENBOSS-CTBP92VD/10S Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
More results


Similar Description - CTBP92VD

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP92HD CAMDENBOSS-CTBP92HD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP92VE CAMDENBOSS-CTBP92VE Datasheet
793Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP93HD CAMDENBOSS-CTBP93HD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93VD CAMDENBOSS-CTBP93VD Datasheet
766Kb / 2P
3.5mm pitch pluggable rising clamp terminal blocks
CTBP93VE CAMDENBOSS-CTBP93VE Datasheet
791Kb / 2P
3.81mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
5mm pitch pluggable rising clamp terminal blocks
CTBP9408 CAMDENBOSS-CTBP9408 Datasheet
747Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9508 CAMDENBOSS-CTBP9508 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
CTBP9558 CAMDENBOSS-CTBP9558 Datasheet
745Kb / 2P
7.62mm pitch pluggable rising clamp terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com