Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTBP96HJ Datasheet (PDF) - CamdenBoss Ltd.

CTBP96HJ Datasheet PDF - CamdenBoss Ltd.
Part # CTBP96HJ
Download  CTBP96HJ Download
File Size   912.18 Kbytes
Page   2 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5 .08mm inve r ted/reve r s e terminal blocks

CTBP96HJ Datasheet (PDF)

Go To PDF Page Download Datasheet
CTBP96HJ Datasheet PDF - CamdenBoss Ltd.

Part # CTBP96HJ
Download  CTBP96HJ Click to download

File Size   912.18 Kbytes
Page   2 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 5 .08mm inve r ted/reve r s e terminal blocks

CTBP96HJ Datasheet (HTML) - CamdenBoss Ltd.


CTBP96HJ Product details

Product ove r v i ew
• 2-12 pole solid block
• Professional rising clamp terminals
• Moulded in green UL94-V0 flame retardant PA 66
• Cable acceptance - 0.32 to 1.6mm2 (28-14AWG)
• Horizontal and vertical orientations
• Pluggable male and female connectors
• Polarized moulding
• Dual row pins for extra stability
• Also available in 5mm pitch




Similar Part No. - CTBP96HJ

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CTBP96HJ/10 CAMDENBOSS-CTBP96HJ/10 Datasheet
912Kb / 2P
5 .08mm inverted/reverse terminal blocks
CTBP96HJ/10FL CAMDENBOSS-CTBP96HJ/10FL Datasheet
912Kb / 2P
5 .08mm inverted/reverse terminal blocks
CTBP96HJ/11 CAMDENBOSS-CTBP96HJ/11 Datasheet
912Kb / 2P
5 .08mm inverted/reverse terminal blocks
CTBP96HJ/11FL CAMDENBOSS-CTBP96HJ/11FL Datasheet
912Kb / 2P
5 .08mm inverted/reverse terminal blocks
CTBP96HJ/12 CAMDENBOSS-CTBP96HJ/12 Datasheet
912Kb / 2P
5 .08mm inverted/reverse terminal blocks
More results


Similar Description - CTBP96HJ

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GESBL1030-1060CT ETL-GESBL1030-1060CT Datasheet
332Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL340-360 ETL-GJSBL340-360 Datasheet
420Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
GJSBL1030-1060CT ETL-GJSBL1030-1060CT Datasheet
319Kb / 2P
S C HO T T K Y B A R R I E R R E C T I F I E R S R E V E R S E VO LTAG E 7 0 V T O 1 5 0 V, C U R R E N T 2 0 A
logo
PHOENIX CONTACT
1050059-R PHOENIX-1050059-R Datasheet
48Kb / 2P
Marker for terminal blocks - ZB 5,LGS:GROSSBUCHST. R
logo
CamdenBoss Ltd.
CSTBP508H CAMDENBOSS-CSTBP508H Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP508V CAMDENBOSS-CSTBP508V Datasheet
508Kb / 1P
5 .08mm screwless terminal blocks
CSTBP9208 CAMDENBOSS-CSTBP9208 Datasheet
462Kb / 1P
5 .08mm pitch pluggable screwless terminal blocks
CTBP97VJ CAMDENBOSS-CTBP97VJ Datasheet
912Kb / 2P
5 .08mm inverted/reverse terminal blocks
CTBP3008 CAMDENBOSS-CTBP3008 Datasheet
226Kb / 1P
5 .08mm 45° rising clamp terminal blocks
CTBPD96HG CAMDENBOSS-CTBPD96HG Datasheet
471Kb / 1P
5mm DIN rail mounte d i nve r ted/ reve r s e terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com