Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC61401 Datasheet (PDF) - Texas Instruments

DAC61401 Datasheet PDF - Texas Instruments
Part # DAC61401
Download  DAC61401 Download
File Size   3133.15 Kbytes
Page   51 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference

DAC61401 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC61401 Datasheet PDF - Texas Instruments

Part # DAC61401
Download  DAC61401 Click to download

File Size   3133.15 Kbytes
Page   51 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference

DAC61401 Datasheet (HTML) - Texas Instruments


DAC61401 Product details

1 Features
• Exceptional performance: 1 LSB INL/DNL
(maximum)
• Ultra-low glitch energy: 1 nV-s
• Wide power supply:
– Unipolar mode: +4.5 V to +41.5 V
– Bipolar mode: ±4.5 V to ±21.5 V
• 14 user-programmable output ranges
– ±5 V, ±10 V, ±20 V
– 0 V to 5 V, 0 V to 10 V, 0 V to 20 V, 0 V to 40 V
– 20% overrange (except ±20 V and 0 V to 40 V)
• Integrated 10 ppm/°C, 2.5-V precision reference
• Reliability features:
– Cyclic redundancy check (CRC)
– Fault pin
• 50-MHz, 4-wire SPI-compatible interface
– Readback
– Daisy-chain
• Temperature range: –40°C to +125°C
• Packages:
– 20-pin TSSOP (PW)
2 Applications
• Semiconductor test and ATE
• Lab and field instrumentation
• PLC, DCS, and PAC
• Analog output module
• Servo drive control module
3 Description
The 16-bit DAC81401 and 12-bit DAC61401
(DACx1401) devices are a pin-compatible family of
single-channel, buffered, high-voltage output digitalto-
analog converters (DACs) with an integrated
2.5‑V internal reference. These devices are specified
monotonic and provide an exceptional linearity of less
than 1 LSB (maximum).
The DACx1401 offer bipolar output voltages of ±20 V,
±10 V, ±5 V, and full-scale unipolar output voltages
of 40 V, 10 V, and 5 V. The DAC output range is
programmable.
The DACx1401 incorporate a power-on-reset (POR)
circuit that powers up the DAC output and keeps
the device in power-down mode until the outputs are
enabled.
Communication to the devices is done through
a high-speed, 4-wire serial interface compatible
with industry-standard microprocessors and
microcontrollers supporting 1.7‑V to 5.5‑V operation.
The DACx1401 are characterized for operation over
the temperature range of –40°C to +125°C, and are
available in a small 20-pin TSSOP package.




Similar Part No. - DAC61401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC61401 TI1-DAC61401 Datasheet
3Mb / 55P
DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
DECEMBER 2024
DAC61401PWR TI1-DAC61401PWR Datasheet
3Mb / 55P
DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
DECEMBER 2024
DAC61401RTER TI1-DAC61401RTER Datasheet
3Mb / 55P
DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
DECEMBER 2024
DAC61401 TI1-DAC61401_V01 Datasheet
3Mb / 55P
DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
DECEMBER 2024
More results


Similar Description - DAC61401

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
logo
Texas Instruments
DAC81408 TI1-DAC81408 Datasheet
501Kb / 42P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416 Datasheet
550Kb / 42P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81408 TI1-DAC81408_18 Datasheet
2Mb / 55P
8-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
DAC80504 TI1-DAC80504_19 Datasheet
1Mb / 49P
Quad, 16-, 14-, 12-bit, SPI voltage output DACs with internal reference
DAC80502 TI1-DAC80502 Datasheet
440Kb / 33P
DACx0502, Dual, 16-Bit, 14-Bit, and 12-Bit, 1-LSB INL, Voltage-Output DACs With Precision Internal Reference
DAC81402 TI-DAC81402 Datasheet
5Mb / 54P
DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com