Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

48082A Datasheet (PDF) - Belden Inc.

48082A Datasheet PDF - Belden Inc.
Part # 48082A
Download  48082A Download
File Size   138.93 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR

48082A Datasheet (PDF)

Go To PDF Page Download Datasheet
48082A Datasheet PDF - Belden Inc.

Part # 48082A
Download  48082A Click to download

File Size   138.93 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR

48082A Datasheet (HTML) - Belden Inc.


48082A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 4 Conductor 14AWG (Class B) Bare Copper, PVC-NYL Insulation E1 Color Code, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 48082A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
48082A-01010000 BELDEN-48082A-01010000 Datasheet
138Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results


Similar Description - 48082A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28081A BELDEN-28081A Datasheet
187Kb / 2P
TC VN/PVC, 3 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28084A BELDEN-28084A Datasheet
158Kb / 2P
TC VN/PVC, 6 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28108A BELDEN-28108A Datasheet
158Kb / 2P
TC VN/PVC, 30 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28085A BELDEN-28085A Datasheet
205Kb / 2P
TC VN/PVC, 7 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
47080A BELDEN-47080A Datasheet
138Kb / 2P
TC VN/PVC, 2 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
12-22-2023
48339A BELDEN-48339A Datasheet
138Kb / 2P
TC VN/PVC, 5 C #16 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
28082AS BELDEN-28082AS Datasheet
161Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
28087A BELDEN-28087A Datasheet
207Kb / 2P
TC VN/PVC, 9 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
48112A BELDEN-48112A Datasheet
140Kb / 2P
TC VN/PVC, 5 C #12 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
A04141W BELDEN-A04141W Datasheet
139Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E1, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
10-25-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com