Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCTTP Datasheet (PDF) - CamdenBoss Ltd.

CCTTP Datasheet PDF - CamdenBoss Ltd.
Part # CCTTP
Download  CCTTP Download
File Size   1180.84 Kbytes
Page   3 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 22mm diamete r contro l switches

CCTTP Datasheet (PDF)

Go To PDF Page Download Datasheet
CCTTP Datasheet PDF - CamdenBoss Ltd.

Part # CCTTP
Download  CCTTP Click to download

File Size   1180.84 Kbytes
Page   3 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description 22mm diamete r contro l switches

CCTTP Datasheet (HTML) - CamdenBoss Ltd.


CCTTP Product details

Product ove r v i ew
• Metal and plastic bodied control push-buttons,
E-stops and selector switches
• Rated 660V, 10A max AC
• Operating frequency 3,600 per hour
• Panels mount 1-6mm thick
• Positive opening operation
• Conform to IEC 947-5-1 and EN 60947-5-1
• Terminal marking to EN 50013
• Other button options available to order




Similar Part No. - CCTTP

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
CCT CYNERGY3-CCT Datasheet
644Kb / 2P
Triac Die Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
KITAGAWA GmbH
CCT KGS-CCT Datasheet
333Kb / 1P
Thin and flexible metal foil tape backed by a conductive filler adhesive
CCT-10-C KGS-CCT-10-C Datasheet
333Kb / 1P
Thin and flexible metal foil tape backed by a conductive filler adhesive
CCT-100-C KGS-CCT-100-C Datasheet
333Kb / 1P
Thin and flexible metal foil tape backed by a conductive filler adhesive
CCT-13-C KGS-CCT-13-C Datasheet
333Kb / 1P
Thin and flexible metal foil tape backed by a conductive filler adhesive
More results


Similar Description - CCTTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRM-2738 ETC1-IRM-2738 Datasheet
254Kb / 9P
INfrared Remote-contro Receiver Module
logo
Tyco Electronics
2-1437614-0 MACOM-2-1437614-0 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-1 MACOM-2-1437614-1 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-3 MACOM-2-1437614-3 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-6 MACOM-2-1437614-6 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
2-1437614-8 MACOM-2-1437614-8 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
RM3700 MACOM-RM3700 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
RM232 MACOM-RM232 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
PHOENIX CONTACT
3036262 PHOENIX-3036262 Datasheet
125Kb / 5P
ST 2,5-DIO/L-R
logo
IDEC Corporation
LW-C10 IDEC-LW-C10 Datasheet
545Kb / 18P
LW Series — Switches and Pilot Devices: 22mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com