Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM31520 Datasheet (PDF) - CamdenBoss Ltd.

CSM31520 Datasheet PDF - CamdenBoss Ltd.
Part # CSM31520
Download  CSM31520 Download
File Size   507.38 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description V3 type microswitches 5A, 10A and 15A

CSM31520 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM31520 Datasheet PDF - CamdenBoss Ltd.

Part # CSM31520
Download  CSM31520 Click to download

File Size   507.38 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description V3 type microswitches 5A, 10A and 15A

CSM31520 Datasheet (HTML) - CamdenBoss Ltd.


CSM31520 Product details

Product ove r v i ew
• Rating 5A, 10A and 15A switching S.P.D.T.
• Coil spring mechanism
• 6.3mm (.250), 4.8mm (.187) quick connect,
solder and screw terminals
• Button, lever or roller actuators




Similar Part No. - CSM31520

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSM30003PJM TI1-CSM30003PJM Datasheet
177Kb / 11P
MIXED-SIGNAL PROCESSOR
CSM30003Y TI1-CSM30003Y Datasheet
177Kb / 11P
MIXED-SIGNAL PROCESSOR
logo
Caliber Electronics Inc...
CSM32C1 CALIBER-CSM32C1 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
CSM32C3 CALIBER-CSM32C3 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
CSM32C5 CALIBER-CSM32C5 Datasheet
41Kb / 1P
HC-49/US SMD Microprocessor Crystals
More results


Similar Description - CSM31520

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCLH-202A1S000 MACOM-PCLH-202A1S000 Datasheet
319Kb / 4P
3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
DB Lectro Inc
JZC-32F DBLECTRO-JZC-32F Datasheet
350Kb / 2P
5A 10A switching capabilities
logo
HuaXinAn Electronics CO...
JZC-32FA HUAXINAN-JZC-32FA Datasheet
422Kb / 1P
5A 10A switching capabilities.
JZC-32FC HUAXINAN-JZC-32FC Datasheet
422Kb / 1P
5A 10A switching capabilities
JZC-32FLA HUAXINAN-JZC-32FLA Datasheet
422Kb / 1P
5A 10A switching capabilities.
JZC-32FLC HUAXINAN-JZC-32FLC Datasheet
422Kb / 1P
5A 10A switching capabilities
JZC-33FA HUAXINAN-JZC-33FA Datasheet
411Kb / 1P
5A 10A switching capabilities
JZC-33FC HUAXINAN-JZC-33FC Datasheet
411Kb / 1P
5A 10A switching capabilities
logo
Tyco Electronics
PCL MACOM-PCL Datasheet
320Kb / 4P
3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
CamdenBoss Ltd.
CSM405 CAMDENBOSS-CSM405 Datasheet
910Kb / 1P
V4 type sub miniature microswitches 5A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com