Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM40520 Datasheet (PDF) - CamdenBoss Ltd.

CSM40520 Datasheet PDF - CamdenBoss Ltd.
Part # CSM40520
Download  CSM40520 Download
File Size   910.82 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description V4 type sub miniature microswitches 5A

CSM40520 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM40520 Datasheet PDF - CamdenBoss Ltd.

Part # CSM40520
Download  CSM40520 Click to download

File Size   910.82 Kbytes
Page   1 Pages
Manufacturer  CAMDENBOSS [CamdenBoss Ltd.]
Direct Link  https://www.camdenboss.com/
Logo CAMDENBOSS - CamdenBoss Ltd.
Description V4 type sub miniature microswitches 5A

CSM40520 Datasheet (HTML) - CamdenBoss Ltd.


CSM40520 Product details

Product ove r v i ew
• Rating 5A switching S.P.D.T. (10A to order)
• Long life coil spring mechanism
• Solder, PCB, 90° PCB mounting or 2.8mm
quick connect terminals
• Button, lever or roller actuators
• Anti-solder wicking




Similar Part No. - CSM40520

ManufacturerPart #DatasheetDescription
logo
Clarke International
CSM4350S CLARKE-CSM4350S Datasheet
2Mb / 12P
BOLTLESS SHELVING UNITS
GC10/17
CSM4350S/60BL CLARKE-CSM4350S/60BL Datasheet
2Mb / 12P
BOLTLESS SHELVING UNITS
GC10/17
CSM4350S/60LG CLARKE-CSM4350S/60LG Datasheet
2Mb / 12P
BOLTLESS SHELVING UNITS
GC10/17
logo
VITROHM
CSM452 VITROHM-CSM452 Datasheet
499Kb / 3P
SMD power shunt resistor
Revision: 202401
logo
Tyco Electronics
CSM4T MACOM-CSM4T Datasheet
213Kb / 3P
Termination Insensitive Mixer
More results


Similar Description - CSM40520

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F5T8UL ETC2-F5T8UL Datasheet
1Mb / 3P
Snap-action Microswitches
6542 ETC2-6542 Datasheet
201Kb / 6P
VOLTAGE REGULATOR SUB-MINIATURE TYPE
logo
Cynergy3 Co
FRS12000 CYNERGY3-FRS12000 Datasheet
552Kb / 2P
miniature screened 2 kV, 5A
logo
Tyco Electronics
V23100V4305B000 MACOM-V23100V4305B000 Datasheet
3Mb / 4P
Reed Relay V23100 -V4
logo
List of Unclassifed Man...
F4T7 ETC2-F4T7 Datasheet
967Kb / 3P
Snap-action Microswitches
3BR-103 ETC-3BR-103 Datasheet
164Kb / 3P
SNAP-ACTION MICROSWITCHES
V4NST7 ETC2-V4NST7 Datasheet
105Kb / 4P
Snap-action Microswitches
V4-83170 ETC1-V4-83170 Datasheet
3Mb / 8P
SUBMINIATURE MICROSWITCHES - PREMIUM
logo
CamdenBoss Ltd.
CSM3 CAMDENBOSS-CSM3 Datasheet
507Kb / 1P
V3 type microswitches 5A, 10A and 15A
CSMU01 CAMDENBOSS-CSMU01 Datasheet
435Kb / 1P
Ultra miniature microswitches
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com