Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3055 Datasheet (PDF) - Silicon Supplies

2N3055 Datasheet PDF - Silicon Supplies
Part # 2N3055
Download  2N3055 Download
File Size   230.49 Kbytes
Page   2 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description NPN Transistor Bare Die

2N3055 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3055 Datasheet PDF - Silicon Supplies

Part # 2N3055
Download  2N3055 Click to download

File Size   230.49 Kbytes
Page   2 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description NPN Transistor Bare Die

2N3055 Datasheet (HTML) - Silicon Supplies


2N3055 Product details

Features
Collector current up to 15A
High DC Current Gain, hFE = 20-70 @ IC = 4A
Low VCE(sat) = 1.1V Max @ IC = 4A
Solderable back metal
High Reliability tested grades for Military + Space




Similar Part No. - 2N3055

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3055 MOSPEC-2N3055 Datasheet
167Kb / 3P
POWER TRANSISTORS(15A,50V,115W)
logo
Motorola, Inc
2N3055 MOTOROLA-2N3055 Datasheet
130Kb / 4P
15 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 60 VOLTS 115 WATTS
2N3055 MOTOROLA-2N3055 Datasheet
235Kb / 6P
15 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 60, 120 VOLTS 115, 180 WATTS
logo
STMicroelectronics
2N3055 STMICROELECTRONICS-2N3055 Datasheet
47Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Aug-1999
logo
Siemens Semiconductor G...
2N3055 SIEMENS-2N3055 Datasheet
83Kb / 4P
NPN TRANSISTOR FOR POWERFUL AF OUTPUT STAGES
More results


Similar Description - 2N3055

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
2N918 SS-2N918 Datasheet
237Kb / 2P
NPN Transistor Bare Die
BC546 SS-BC546 Datasheet
362Kb / 4P
NPN Transistor Bare Die
MPSH10 SS-MPSH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
SISH10 SS-SISH10 Datasheet
212Kb / 2P
NPN Transistor Bare Die
BC107B SS-BC107B Datasheet
1Mb / 4P
NPN Transistor Bare Die
2N5551 SS-2N5551 Datasheet
1Mb / 4P
NPN Transistor Bare Die
Rev 1.1 22/12/21
TIP42C SS-TIP42C Datasheet
280Kb / 2P
NPN Transistor Bare Die
Rev 1.0 02/09/17
2N6045 SS-2N6045 Datasheet
3Mb / 4P
NPN Transistor Bare Die
Rev 1.0 12/07/23
TIP122 SS-TIP122 Datasheet
214Kb / 2P
NPN Transistor Bare Die
Rev 1.0 22/08/23
TIP122 SS-TIP122_V01 Datasheet
210Kb / 2P
NPN Transistor Bare Die
Rev 1.0 19/12/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com