Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMX3652 Datasheet (PDF) - Analog Devices

ADMX3652 Datasheet PDF - Analog Devices
Part # ADMX3652
Download  ADMX3652 Download
File Size   365.31 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6½ Digit, ±20 V Digital Voltage Meter

ADMX3652 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMX3652 Datasheet PDF - Analog Devices

Part # ADMX3652
Download  ADMX3652 Click to download

File Size   365.31 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6½ Digit, ±20 V Digital Voltage Meter

ADMX3652 Datasheet (HTML) - Analog Devices


ADMX3652 Product details

GENERAL DESCRIPTION
The ADMX3652 6½ digit, digital voltage meter (DVM) offers fast
throughput (1 kSPS), flexible measurements (manual or automatic
selection range), and trustworthy results (25 ppm of measurement
accuracy for 90 days under 2 V range). The ADMX3652 provides a
compact solution with the most common DVM measurements. With
long measurement times, the norm for high integration precision
applications—a simple, reliable, pocketable device that can save
system space—is a popular addition to the toolbox of engineers.
The current consumption of the ADMX3652 is only around 310
mA for a 5 V power supply in stable working mode. Compared
to complex instruments with numerous settings, the ADMX3652
requires simple settings with a preset configuration for a typical
application. Electrically, the ADMX3652 is compatible with 1.8 V,
2.5 V, and 3.3 V interfaces, using an internal independently logic supply.

FEATURES
► 6½ digit resolution
► ±0.2 V, ±2 V, and ±20 V range
► Dual channel
► 90 days accuracy: <17 ppm of reading range at 2 V range
► <0.225 ppm RMS noise of 2 V range at 1 NPLC, 1000 samples
► Up to 1 kSPS data rate
► Auto-zero function
► Supports SCPI protocol
► UART communication interface
► Power sequence self checking
► Input protection
► 5 V power supply
► 0°C to 45°C operation

APPLICATIONS
► Precision voltage measurement
► Industry automation test




Similar Part No. - ADMX3652

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMX3652 AD-ADMX3652 Datasheet
363Kb / 11P
6½ Digit, ±20 V Digital Voltage Meter
Rev. 0
ADMX3652Z-ML AD-ADMX3652Z-ML Datasheet
363Kb / 11P
6½ Digit, ±20 V Digital Voltage Meter
Rev. 0
More results


Similar Description - ADMX3652

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM-4101N ETC1-DM-4101N Datasheet
215Kb / 5P
4 1/2 Digit Differential LED Digital Panel Meter
DM-LX3 ETC1-DM-LX3 Datasheet
195Kb / 4P
Single Board Differential LCD 3쩍 Digit Digital Panel Meter
logo
Murata Manufacturing Co...
DM3100U1 MURATA-DM3100U1 Datasheet
289Kb / 6P
3쩍 Digit, LCD Digital Panel Meter with Descriptors
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
4쩍 Digit Differential LED Digital Panel Meter
DM-350 MURATA-DM-350 Datasheet
995Kb / 3P
3-1/2 Digit Miniature Digital Panel Meter
DM-2100 MURATA-DM-2100 Datasheet
780Kb / 3P
3-1/2 Digit Low Cost Digital Panel Meter
DM-LX3 MURATA-DM-LX3 Datasheet
195Kb / 4P
Single Board Differential LCD 3쩍 Digit Digital Panel Meter
logo
Murata Power Solutions ...
DM-3100B MURATA-PS-DM-3100B Datasheet
268Kb / 5P
AC-Powered, 3쩍 Digit LED Digital Panel Meter
logo
FOTEK CONTROLS CO., LTD...
DA-24R-MV-24V FOTEK-DA-24R-MV-24V Datasheet
494Kb / 2P
Digital Meter
logo
Analog Devices
ADMX3652 AD-ADMX3652 Datasheet
363Kb / 11P
6½ Digit, ±20 V Digital Voltage Meter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com