Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3045 Datasheet (PDF) - Analog Devices

LT3045 Datasheet PDF - Analog Devices
Part # LT3045
Download  LT3045 Download
File Size   1273.21 Kbytes
Page   47 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator

LT3045 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3045 Datasheet PDF - Analog Devices

Part # LT3045
Download  LT3045 Click to download

File Size   1273.21 Kbytes
Page   47 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator

LT3045 Datasheet (HTML) - Analog Devices


LT3045 Product details

GENERAL DESCRIPTION
The LT3046 is a high-performance, low-dropout linear
regulator featuring Analog Devices, Inc. ultra-low noise
and ultra-high PSRR architecture for powering noisesensitive
applications. Designed as a precision current
reference followed by a high-performance voltage
buffer, the LT3046 can be easily paralleled to further
reduce noise, increase output current, and spread heat
on the PCB.
The device supplies 200mA at a typical 300mV dropout
voltage. Operating quiescent current is nominally
3.7mA and drops to 26μA in shutdown. The LT3046’s
wide output-voltage range (0.2V to 19V) while
maintaining unity-gain operation provides virtually
constant output noise, PSRR, bandwidth, and load
regulation, independent of the programmed output
voltage. Additionally, the regulator features
programmable current limit, fast start-up capability,
and programmable power good to indicate output
voltage regulation.
Built-in protection includes reverse-battery protection,
reverse-current protection, internal current limit with
foldback and thermal limit with hysteresis. The LT3046
is available in a thermally enhanced, 12-lead, 3mm ×
3mm, DFN package.

FEATURES
 Ultra-Low RMS Noise: 0.8μVRMS (10Hz to 100kHz)
 Ultra-Low Noise: 2.2nV/√Hz at 10kHz
 Ultra-Low 1/f Noise: 2.5μVP-P (0.1Hz to 10Hz)
 Ultra-High PSRR: 82dB at 1MHz
 Output Current: 200mA
 Wide Input-Voltage Range: 2.2V to 20V
 Single Capacitor Improves Noise and PSRR
 SET Pin Current: 100μA, ±0.5% Initial Accuracy
 Single Resistor Programs Output Voltage
 Programmable Current Limit
 Low Dropout Voltage: 300mV
 Output-Voltage Range: 0.2V to 19V
 Programmable Power Good
 Fast Start-Up Capability
 Precision Enable/UVLO
 Parallelable for Lower Noise and Higher Current
 Internal Current Limit with Foldback
 Minimum Output Capacitor: 4.7μF Ceramic
 Compact, Low-Profile, 12-Lead, 3mm × 3mm, DFN Package

APPLICATIONS
 RF Power Supplies: PLLs, VCOs, Mixers, LNAs, PAs
 Very Low-Noise Instrumentation
 High-Speed/High-Precision Data Converters
 Post-Regulator for Switching Supplies




Similar Part No. - LT3045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3045 LINER-LT3045 Datasheet
2Mb / 32P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator
LT3045 LINER-LT3045 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Analog Devices
LT3045 AD-LT3045 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LT3045 AD-LT3045 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3045 AD-LT3045 Datasheet
930Kb / 38P
5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
Rev. 0
More results


Similar Description - LT3045

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79901 TI-TPS79901 Datasheet
377Kb / 18P
200mA Low Quiescent Current, Ultra-Low Noise, High PSRR, Low Dropout Linear Regulator
TPS799XX TI-TPS799XX Datasheet
455Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_07 Datasheet
819Kb / 28P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_08 Datasheet
622Kb / 27P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX TI-TPS799XX_05 Datasheet
590Kb / 21P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
TPS799XX_0711 TI-TPS799XX_0711 Datasheet
865Kb / 30P
200mA, Low Quiescent Current, Ultra-Low Noise, High PSRR Low Dropout Linear Regulator
logo
Monolithic Power System...
MP2004 MPS-MP2004 Datasheet
353Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20042 MPS-MP20042 Datasheet
239Kb / 9P
Dual, Low Noise, High PSRR 200mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Linear Technology
LT3042 LINER-LT3042_15 Datasheet
900Kb / 30P
20V, 200mA, Ultralow Noise, Ultrahigh PSRR RF Linear Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com