Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OQ2538HP Datasheet (PDF) - NXP Semiconductors

OQ2538HP Datasheet PDF - NXP Semiconductors
Part # OQ2538HP
Download  OQ2538HP Download
File Size   167.28 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SDH/SONET STM16/OC48 main amplifiers

OQ2538HP Datasheet (PDF)

Go To PDF Page Download Datasheet
OQ2538HP Datasheet PDF - NXP Semiconductors

Part # OQ2538HP
Download  OQ2538HP Click to download

File Size   167.28 Kbytes
Page   24 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description SDH/SONET STM16/OC48 main amplifiers

OQ2538HP Datasheet (HTML) - NXP Semiconductors


OQ2538HP Product details

GENERAL DESCRIPTION

The OQ2538HP is a limiting amplifier IC intended for use as the main amplifier in 2.5 Gbits/s Non-Return to Zero (NRZ) transmission systems (SDH/SONET).

Comprised of four amplifier stages with a total gain of 48.5 dB, it provides for a wide input signal dynamic range at a constant CML-compatible output level.

Two level-detection circuits are provided for monitoring AGC and LOS input signal levels. An internal automatic offset compensation circuit eliminates offset in the amplifier chain.



FEATURES

• Differential 100 Ω outputs for direct connection to Current-Mode Logic (CML) inputs

• Wide bandwidth (3 GHz)

• 48.5 dB limiting gain

• Noise figure typically 11 dB

• Automatic offset compensation

• Input level-detection circuits for Automatic Gain Control (AGC) and Loss Of Signal (LOS) detection

• Low power dissipation (typically 270 mW)

• Single −4.5 V supply voltage

• Low cost LQFP48 plastic package.



APPLICATIONS

• Main amplifier in Synchronous Digital Hierarchy (SDH) and Synchronous Optical Network (SONET) systems for short, medium and long haul optical transmission

• Level detector for laser diode control loops

• Wideband RF gain block with internal level detectors.



 




Similar Part No. - OQ2538HP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP Datasheet
542Kb / 24P
SDH/SONET main amplifier
1997 Nov 26
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
SDH/SONET main amplifier
1997 Nov 26
More results


Similar Description - OQ2538HP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
SONET/SDH TRANSMITTER & RECIEVER
logo
NXP Semiconductors
OQ2535HP PHILIPS-OQ2535HP Datasheet
108Kb / 19P
SDH/SONET STM16/OC48 multiplexer
1999 Oct 04
OQ2536HP PHILIPS-OQ2536HP Datasheet
127Kb / 20P
SDH/SONET STM16/OC48 demultiplexer
1998 Mar 10
OQ2545HP PHILIPS-OQ2545HP Datasheet
688Kb / 28P
SDH/SONET STM16/OC48 laser drivers
1999 Aug 24
TZA3013A PHILIPS-TZA3013A Datasheet
104Kb / 16P
SDH/SONET STM16/OC48 transimpedance amplifier
2001 Feb 26
logo
TriQuint Semiconductor
TQ8105 TRIQUINT-TQ8105 Datasheet
371Kb / 19P
SONET/SDH Transceivers
logo
Mitsubishi Electric Sem...
MF-2700FRB-M0XMA MITSUBISHI-MF-2700FRB-M0XMA Datasheet
224Kb / 8P
SONET / SDH RECEIVER MODULE
logo
NXP Semiconductors
OQ2538HP PHILIPS-OQ2538HP_97 Datasheet
542Kb / 24P
SDH/SONET main amplifier
1997 Nov 26
logo
OPLINK Communications I...
STX-SRX-0400 OPLINK-STX-SRX-0400 Datasheet
367Kb / 9P
SONET/SDH Transmitters & Receivers
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com