Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1308663 Datasheet (PDF) - PHOENIX CONTACT

1308663 Datasheet PDF - PHOENIX CONTACT
Part # 1308663
Download  1308663 Download
File Size   182.9 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20/5-C2-FC-FS2,5 6-14 - Coupler connector

1308663 Datasheet (PDF)

Go To PDF Page Download Datasheet
1308663 Datasheet PDF - PHOENIX CONTACT

Part # 1308663
Download  1308663 Click to download

File Size   182.9 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PRC 20/5-C2-FC-FS2,5 6-14 - Coupler connector

1308663 Datasheet (HTML) - PHOENIX CONTACT


1308663 Product details

Coupler connector, Range of articles: PRC 20, color: black, number of positions: 5, min.
conductor cross section: 0.5 mm2, max. conductor cross section: 2.5 mm2, rated voltage: 400 V,
rated current: 20 A, Connection method: Screw connection, Contact connection type: Socket.
Setting option for release: 1. with a tool or 2. by hand. SIGNAL

Your advantages
• More space on the device front with current transmission up to 20 A in a minimum amount of space
• Duo-Unlock technology for greater flexibility during installation and maintenance
• Reliable use under extreme ambient conditions with high degrees of protection and impact resistance
• Simple handling with proven crimp or screw connection technology
• Mechanical and color coding for quick and error-free startup




Similar Part No. - 1308663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1308660 PHOENIX-1308660 Datasheet
283Kb / 4P
Connector - PRC 20/5-C1-FC-MS2,5 6-14
Nov 3, 2022
1308661 PHOENIX-1308661 Datasheet
281Kb / 4P
Coupler connector - PRC 20/5-C1-FC-FS2,5 6-14
Nov 3, 2022
1308662 PHOENIX-1308662 Datasheet
183Kb / 4P
PRC 20/5-C2-FC-MS2,5 6-14 - Connector
1308664 PHOENIX-1308664 Datasheet
183Kb / 4P
PRC 20/5-C3-FC-MS2,5 6-14 - Connector
1308665 PHOENIX-1308665 Datasheet
183Kb / 4P
PRC 20/5-C3-FC-FS2,5 6-14 - Coupler connector
More results


Similar Description - 1308663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1308661 PHOENIX-1308661 Datasheet
281Kb / 4P
Coupler connector - PRC 20/5-C1-FC-FS2,5 6-14
Nov 3, 2022
1308641 PHOENIX-1308641 Datasheet
183Kb / 4P
PRC 20/4-C2-FC-MS2,5 6-14 - Connector
1308662 PHOENIX-1308662 Datasheet
183Kb / 4P
PRC 20/5-C2-FC-MS2,5 6-14 - Connector
1309416 PHOENIX-1309416 Datasheet
182Kb / 4P
PRC 20/4-C4-FC-FS2,5 6-14 - Coupler connector
1309421 PHOENIX-1309421 Datasheet
182Kb / 4P
PRC 20/5-C4-FC-FS2,5 6-14 - Coupler connector
1313316 PHOENIX-1313316 Datasheet
283Kb / 5P
PRC 20/3-C1-FC-FS2,5 6-14 - Coupler connector
1308646 PHOENIX-1308646 Datasheet
182Kb / 4P
PRC 20/4-C3-FC-FS2,5 6-14 - Coupler connector
1308665 PHOENIX-1308665 Datasheet
183Kb / 4P
PRC 20/5-C3-FC-FS2,5 6-14 - Coupler connector
1308640 PHOENIX-1308640 Datasheet
179Kb / 3P
PRC 20/4-C1-FC-FS2,5 6-14 - Coupler connector
1308642 PHOENIX-1308642 Datasheet
182Kb / 4P
PRC 20/4-C2-FC-FS2,5 6-14 - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com