Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM40 Datasheet (PDF) - Vaisala

HM40 Datasheet PDF - Vaisala
Part # HM40
Download  HM40 Download
File Size   2007.14 Kbytes
Page   4 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description HUMICAPâ Handheld Humidity and Temperature Meter Series

HM40 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM40 Datasheet PDF - Vaisala

Part # HM40
Download  HM40 Click to download

File Size   2007.14 Kbytes
Page   4 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description HUMICAPâ Handheld Humidity and Temperature Meter Series

HM40 Datasheet (HTML) - Vaisala


HM40 Product details

Features
Humidity measurement range 0 ...
100 %RH
Temperature measurement ranges
-40 ... +100 °C (-40 … +212 °F),
depending on probe model. The
HM46 model can measure up to
+180 °C (+356 °F) for a short
period of time.
Incorporates proven Vaisala
HUMICAP® sensor technology
Calibration reminder function
Probes can be user calibrated
using an on-site reference
Graphical display indicates when
measurement has stabilized
Hold-button to freeze the screen
and save the reading
Multilingual user interface
available in 10 languages (EN, DE,
FR, JA, ZH, PT, ES, RU, FI, SV)




Similar Part No. - HM40

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4002 HMSEMI-HM4002 Datasheet
921Kb / 9P
Low-power pyroelectric infrared sensor signal processing chip
HM4005 HMSEMI-HM4005 Datasheet
503Kb / 10P
Anti-reverse wiring low current 3mA-200mA charging chip
HM4010 HMSEMI-HM4010 Datasheet
358Kb / 5P
Built-in PWM generator and power stage technology
HM4011 HMSEMI-HM4011 Datasheet
563Kb / 7P
Built-in power stage with low-resistance NMOS FET technology ensures high efficiency and low power consumption
HM4021 HMSEMI-HM4021 Datasheet
641Kb / 9P
Built-in power stage with low-resistance NMOS FET technology ensures high efficiency and low power consumption
More results


Similar Description - HM40

ManufacturerPart #DatasheetDescription
logo
Humirel
HTF3223 HUMIREL-HTF3223 Datasheet
142Kb / 4P
TEMPERATURE AND HUMIDITY MODULE
logo
Extech Instruments Corp...
45170 EXTECH-45170 Datasheet
106Kb / 6P
4-in-1 Humidity, Temperature Airflow and Light Meter
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Vaisala
HM70 VAISALA-HM70 Datasheet
769Kb / 3P
Handheld Humidity and Temperature Meter
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP155 VAISALA-HMP155 Datasheet
369Kb / 2P
HUMICAPâ Humidity and Temperature Probe HMP155
MM70 VAISALA-MM70 Datasheet
1Mb / 3P
MM70 Handheld Moisture and Temperature Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com