Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OQ8844 Datasheet (PDF) - NXP Semiconductors

OQ8844 Datasheet PDF - NXP Semiconductors
Part # OQ8844
Download  OQ8844 Download
File Size   80.7 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Servo Driver DSD-2

OQ8844 Datasheet (PDF)

Go To PDF Page Download Datasheet
OQ8844 Datasheet PDF - NXP Semiconductors

Part # OQ8844
Download  OQ8844 Click to download

File Size   80.7 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Digital Servo Driver DSD-2

OQ8844 Datasheet (HTML) - NXP Semiconductors


OQ8844 Product details

GENERAL DESCRIPTION
The OQ8844 or Digital Servo Driver 2 (DSD2) consists of 1-bit class-D power drivers, which are specially designed for digital servo applications. Three such amplifiers are integrated in one chip, to drive the focus and radial actuators and the sledge motor of a compact disc optical system.

FEATURES
Servo functions
• 1-bit class-D focus actuator driver (3.3 Ω)
• 1-bit class-D radial actuator driver (3.7 Ω)
• 1-bit class-D sledge motor driver (2.5 Ω).

Other features
• Supply voltage 5 V only
• Small package (SOT163-1)
• Higher efficiency, compared with conventional drivers, due to the class-D principle
• Built-in digital notch filters for higher efficiency
• Enable input for focus and radial driver
• Enable input for sledge driver
• Differential outputs for all drivers
• Separate power supply pins for all drivers.




Similar Part No. - OQ8844

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OQ8868 PHILIPS-OQ8868 Datasheet
106Kb / 20P
Digital Servo Integrated Circuit Silent DSICS
1997 Feb 12
More results


Similar Description - OQ8844

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SZA1010 PHILIPS-SZA1010 Datasheet
90Kb / 16P
Digital Servo Driver 3 DSD-3
1997 Apr 07
logo
STMicroelectronics
TDA7522 STMICROELECTRONICS-TDA7522 Datasheet
183Kb / 23P
Digital Servo & Decoder
May-1998
logo
Burr-Brown (TI)
DSD1700 BURR-BROWN-DSD1700 Datasheet
104Kb / 8P
Direct Stream Digital??DSD??TM Audio DIGITAL-TO-ANALOG CONVERTER
logo
List of Unclassifed Man...
BLUAC5-S ETC2-BLUAC5-S Datasheet
193Kb / 3P
Digital Servo Drive
SV2A3-P-NE ETC2-SV2A3-P-NE Datasheet
155Kb / 3P
Digital Servo Drive
SV2A5-P-NE ETC2-SV2A5-P-NE Datasheet
162Kb / 3P
Digital Servo Drive
SV2B3-P-NE ETC2-SV2B3-P-NE Datasheet
155Kb / 3P
Digital Servo Drive
SV2B5-P-NE ETC2-SV2B5-P-NE Datasheet
163Kb / 3P
Digital Servo Drive
SV7-S-AE ETC2-SV7-S-AE Datasheet
204Kb / 4P
Digital Servo Drive
logo
Holtek Semiconductor In...
HT45F4830 HOLTEK-HT45F4830 Datasheet
6Mb / 120P
Digital Servo Flash MCU with Driver
April 11, 2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com