Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P82C150 Datasheet (PDF) - NXP Semiconductors

P82C150 Datasheet PDF - NXP Semiconductors
Part # P82C150
Download  P82C150 Download
File Size   209.01 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CAN Serial Linked I/O device SLIO with digital and analog port functions

P82C150 Datasheet (PDF)

Go To PDF Page Download Datasheet
P82C150 Datasheet PDF - NXP Semiconductors

Part # P82C150
Download  P82C150 Click to download

File Size   209.01 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CAN Serial Linked I/O device SLIO with digital and analog port functions

P82C150 Datasheet (HTML) - NXP Semiconductors


P82C150 Product details

GENERAL DESCRIPTION
The P82C150 is a single-chip 16-bit I/O device including a Controller Area Network (CAN) protocol controller with automatic bit rate detection and calibration. It features 16 configurable I/O port pins with programmable direction, digital and analog modes.

FEATURES
• Single-chip I/O device with CAN protocol controller
• Meets CAN protocol specification version 2.0 A and B (passive) with restricted bit timing
• Fully integrated clock oscillator (no crystal required)
• 16 configurable digital or analog I/O port pins
• Each of the port pins individually configurable via CAN-bus: port direction, port mode and event capture facilities for inputs (event driven or polling)
• Up to sixteen digital inputs; automatic transmission of a CAN message on a change on inputs individually selectable
• Up to sixteen 3-state outputs
• Up to two quasi-analog outputs with 10-bit accuracy
• 10-bit analog-to-digital converter with up to six multiplexed analog input channels (for accuracy see Section 11.6)
• Two general purpose comparators
• Bit rate from 20 kbit/s up to 125 kbit/s using internal oscillator
• Automatic bit rate detection and calibration
• Up to sixteen P82C150 nodes for one CAN-bus system
• Four identifier bits programmable
• SLIO functions controlled by a single intelligent node (‘host’)
• Sleep-mode with wake-up via CAN-bus
• Differential CAN-bus input comparator and CAN-bus output driver
• Supply voltage: 5 V ±4%
• Operating temperature: two ranges −40 to +85 °C and −40 to +125 °C.

Applications:
• Body electronics and instrumentation in automotive applications
• Sensor/actuator interface in automotive and general industrial applications
• Extension of I/O capabilities of microcontroller based CAN nodes.




Similar Part No. - P82C150

ManufacturerPart #DatasheetDescription
logo
Norgren Ltd
P82C NORGREN-P82C Datasheet
1Mb / 9P
P82C 3/2 Wegeventil Excelon® Plus Modular System
11/22
logo
List of Unclassifed Man...
P82C206 ETC-P82C206 Datasheet
4Mb / 79P
NEW ENHANCED AT DATA BOOK
P82C211 ETC-P82C211 Datasheet
4Mb / 79P
NEW ENHANCED AT DATA BOOK
P82C212 ETC-P82C212 Datasheet
4Mb / 79P
NEW ENHANCED AT DATA BOOK
P82C215 ETC-P82C215 Datasheet
4Mb / 79P
NEW ENHANCED AT DATA BOOK
More results


Similar Description - P82C150

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC73750 SANYO-LC73750 Datasheet
485Kb / 23P
Serial I/O Dialler with Keyboard Input Functions
logo
Analog Devices
AD7769 AD-AD7769 Datasheet
265Kb / 16P
LC2MOS Analog I/O Port
REV.A
logo
NEC
UPD7001 NEC-UPD7001 Datasheet
500Kb / 10P
8-BIT CMOS SERIAL I/O ANALOG-TO-DIGITAL CONVERTER
logo
Intronics Power, Inc.
RTI-1265 INTRONICS-RTI-1265 Datasheet
982Kb / 6P
STD Bus Modular Analog and Digital I/O Subsystems
logo
National Instruments Co...
USB-6509 NI-USB-6509 Datasheet
393Kb / 6P
Portable digital I/O device / 96 bidirectional I/O channels
logo
Analog Devices
ADP5585 AD-ADP5585 Datasheet
83Kb / 2P
Keypad Decoder and I/O Expansion GPIO functions GPIO functions
Rev. Sp0
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Analog Devices
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
LC MOS ANALOG I/O PORT
REV. A
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
Analog I/O Port
REV. A
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com