Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1832918 Datasheet (PDF) - PHOENIX CONTACT

1832918 Datasheet PDF - PHOENIX CONTACT
Part # 1832918
Download  1832918 Download
File Size   595.95 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVK 1,5/ 6-GF-3,81 - DIN rail connector

1832918 Datasheet (PDF)

Go To PDF Page Download Datasheet
1832918 Datasheet PDF - PHOENIX CONTACT

Part # 1832918
Download  1832918 Click to download

File Size   595.95 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVK 1,5/ 6-GF-3,81 - DIN rail connector

1832918 Datasheet (HTML) - PHOENIX CONTACT


1832918 Product details

DIN rail connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated
voltage (III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 6,
number of rows: 1, number of positions: 6, number of connections: 6, product range: MCVK 1,5/..-
GF, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head form:
L Slotted, mounting: DIN rail, conductor/PCB connection direction: 0 °, plug-in system:
COMBICON MC 1,5, locking: Screw locking mechanism, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• For mounting on a DIN rail NS 15
• Well-known connection principle allows worldwide use




Similar Part No. - 1832918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1832920 PHOENIX-1832920 Datasheet
76Kb / 3P
SPT 2,5/ 1-H-5,0 BK
1832921 PHOENIX-1832921 Datasheet
158Kb / 6P
MC 1,5/ 7-STF-3,81
1832921 PHOENIX-1832921 Datasheet
136Kb / 5P
QC 0,5/ 7-STF-3,81
1832934 PHOENIX-1832934 Datasheet
411Kb / 10P
MCVK 1,5/ 8-GF-3,81 - DIN rail connector
1832946 PHOENIX-1832946 Datasheet
76Kb / 3P
SPT 2,5/ 1-H-5,0 GY
More results


Similar Description - 1832918

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1829387 PHOENIX-1829387 Datasheet
152Kb / 5P
DFK-MC 1,5/ 6-GF-3,81
1827460 PHOENIX-1827460 Datasheet
107Kb / 7P
Base strip - SMC 1,5/ 6-GF-3,81
1896983 PHOENIX-1896983 Datasheet
142Kb / 5P
EMC 1,5/ 6-GF-3,81
1782174 PHOENIX-1782174 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-GF-3,81 P14THRR56
1879324 PHOENIX-1879324 Datasheet
141Kb / 5P
EMCV 1,5/ 6-GF-3,81
1817848 PHOENIX-1817848 Datasheet
100Kb / 4P
Printed-circuit board connector - MC 1,5/ 6-GF-3,81-LR
1830635 PHOENIX-1830635 Datasheet
142Kb / 9P
Printed-circuit board connector - MCV 1,5/ 6-GF-3,81
09/12/2020
1832882 PHOENIX-1832882 Datasheet
127Kb / 8P
Feed-through header - MCVK 1,5/ 3-GF-3,81
09/12/2020
1827907 PHOENIX-1827907 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 6-GF-3,81
Jul 20, 2022
1787966 PHOENIX-1787966 Datasheet
727Kb / 18P
DIN rail connector - UMSTBVK 2,5/ 6-GF-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com