Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1861483 Datasheet (PDF) - PHOENIX CONTACT

1861483 Datasheet PDF - PHOENIX CONTACT
Part # 1861483
Download  1861483 Download
File Size   424.42 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCOR 2,5/ 4-STF-5,08 - PCB connector

1861483 Datasheet (PDF)

Go To PDF Page Download Datasheet
1861483 Datasheet PDF - PHOENIX CONTACT

Part # 1861483
Download  1861483 Click to download

File Size   424.42 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCOR 2,5/ 4-STF-5,08 - PCB connector

1861483 Datasheet (HTML) - PHOENIX CONTACT


1861483 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
4, number of rows: 1, number of positions: 4, number of connections: 4, product range: FKCOR
2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: Screw locking mechanism, mounting: Screw flange, type of packaging: packed in
cardboard

Your advantages
• The conductor connection orthogonal to the direction of operation simplifies the cabling of DIN-rail-mountable devices
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1861483

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861409 PHOENIX-1861409 Datasheet
251Kb / 12P
FKCOR 2,5/19-ST-5,08
1861412 PHOENIX-1861412 Datasheet
251Kb / 12P
FKCOR 2,5/20-ST-5,08
1861425 PHOENIX-1861425 Datasheet
251Kb / 12P
FKCOR 2,5/21-ST-5,08
1861438 PHOENIX-1861438 Datasheet
251Kb / 12P
FKCOR 2,5/22-ST-5,08
1861441 PHOENIX-1861441 Datasheet
251Kb / 12P
FKCOR 2,5/23-ST-5,08
More results


Similar Description - 1861483

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1861506 PHOENIX-1861506 Datasheet
424Kb / 14P
PCB connector - FKCOR 2,5/ 6-STF-5,08
Jan 10, 2023
1861548 PHOENIX-1861548 Datasheet
424Kb / 14P
PCB connector - FKCOR 2,5/10-STF-5,08
Jan 10, 2023
1861603 PHOENIX-1861603 Datasheet
397Kb / 13P
PCB connector - FKCOR 2,5/16-STF-5,08
Jan 10, 2023
1861645 PHOENIX-1861645 Datasheet
397Kb / 13P
PCB connector - FKCOR 2,5/20-STF-5,08
Jan 4, 2023
1861580 PHOENIX-1861580 Datasheet
397Kb / 13P
PCB connector - FKCOR 2,5/14-STF-5,08
1861629 PHOENIX-1861629 Datasheet
391Kb / 13P
FKCOR 2,5/18-STF-5,08 - PCB connector
1861658 PHOENIX-1861658 Datasheet
372Kb / 12P
FKCOR 2,5/21-STF-5,08 - PCB connector
1861661 PHOENIX-1861661 Datasheet
372Kb / 12P
FKCOR 2,5/22-STF-5,08 - PCB connector
1861519 PHOENIX-1861519 Datasheet
408Kb / 14P
FKCOR 2,5/ 7-STF-5,08 - PCB connector
1861674 PHOENIX-1861674 Datasheet
360Kb / 12P
FKCOR 2,5/23-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com