Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1940237 Datasheet (PDF) - PHOENIX CONTACT

1940237 Datasheet PDF - PHOENIX CONTACT
Part # 1940237
Download  1940237 Download
File Size   558.57 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MCP 1,5/16-STF-3,5 - PCB connector

1940237 Datasheet (PDF)

Go To PDF Page Download Datasheet
1940237 Datasheet PDF - PHOENIX CONTACT

Part # 1940237
Download  1940237 Click to download

File Size   558.57 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FK-MCP 1,5/16-STF-3,5 - PCB connector

1940237 Datasheet (HTML) - PHOENIX CONTACT


1940237 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Socket, number of potentials: 16,
number of rows: 1, number of positions: 16, number of connections: 16, product range: FK-MCP
1,5/..-STF, pitch: 3.5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON MC 1,5, locking: Screw locking
mechanism, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Screwable flange for superior mechanical stability
• Quick and convenient testing using integrated test option




Similar Part No. - 1940237

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1940230000 WEIDMULLER-1940230000 Datasheet
188Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/06/180G 3.2SN BK BX
1940230000 WEIDMULLER-1940230000 Datasheet
81Kb / 5P
BCZ 3.81/02/270 SN GN BX
1940230000 WEIDMULLER-1940230000 Datasheet
85Kb / 5P
BCZ 3.81/8/270 SN GN
1940230000 WEIDMULLER-1940230000 Datasheet
85Kb / 5P
BCZ 3.81/10/270 SN GN
1940230000 WEIDMULLER-1940230000 Datasheet
569Kb / 7P
BCZ 3.81/06/270 SN OR BX
More results


Similar Description - 1940237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1940253 PHOENIX-1940253 Datasheet
74Kb / 5P
Printed-circuit board connector - FK-MCP 1,5/18-STF-3,5
1939934 PHOENIX-1939934 Datasheet
796Kb / 18P
PCB connector - FK-MCP 1,5/ 4-ST-3,5
Jul 20, 2022
1851355 PHOENIX-1851355 Datasheet
1Mb / 19P
PCB connector - FK-MCP 1,5/14-STF-3,81
Jan 3, 2023
1940198 PHOENIX-1940198 Datasheet
586Kb / 16P
PCB connector - FK-MCP 1,5/12-STF-3,5
Jan 4, 2023
1940046 PHOENIX-1940046 Datasheet
710Kb / 16P
PCB connector - FK-MCP 1,5/16-ST-3,5
Jan 10, 2023
1940091 PHOENIX-1940091 Datasheet
644Kb / 18P
PCB connector - FK-MCP 1,5/ 2-STF-3,5
Jan 4, 2023
1940101 PHOENIX-1940101 Datasheet
588Kb / 16P
PCB connector - FK-MCP 1,5/ 3-STF-3,5
Jan 4, 2023
1940127 PHOENIX-1940127 Datasheet
588Kb / 16P
PCB connector - FK-MCP 1,5/ 5-STF-3,5
Jan 10, 2023
1940156 PHOENIX-1940156 Datasheet
600Kb / 16P
FK-MCP 1,5/ 8-STF-3,5 - PCB connector
1940224 PHOENIX-1940224 Datasheet
558Kb / 15P
FK-MCP 1,5/15-STF-3,5 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com