Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C434 Datasheet (PDF) - NXP Semiconductors

P83C434 Datasheet PDF - NXP Semiconductors
Part # P83C434
Download  P83C434 Download
File Size   165.19 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with LCD-driver

P83C434 Datasheet (PDF)

Go To PDF Page Download Datasheet
P83C434 Datasheet PDF - NXP Semiconductors

Part # P83C434
Download  P83C434 Click to download

File Size   165.19 Kbytes
Page   36 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers with LCD-driver

P83C434 Datasheet (HTML) - NXP Semiconductors


P83C434 Product details

GENERAL DESCRIPTION
The P83C434 and P83C834 are low-cost microcontrollers of the 80C51 family, with LCD drivers. Main application is in the user-interface (keypad, display) of consumer products, e.g. portable radios, CD-players, etc.

FEATURES
• 80C51 type core
• System clock derived from an internal free running Current Controlled Oscillator (CCO); no external components required. Clock frequency can be adjusted by software.
• Optimized for EMC (Electromagnetic Compatibility)
• Clock frequency fclk = 1 to 12 MHz
• 12 I/O lines, quasi-bidirectional
• Gated interrupt on 8 I/O lines:
   – P0.0 to P0.3 when LOW
   – P0.4 to P0.7 when LOW or HIGH
• LCD driver clock, 32 kHz, which also provides the time base for a Real Time Clock
• 1-second interrupt by internal 15-bit counter
• On-chip Liquid Crystal Display (LCD) drivers with 26 outputs, comprising:
   – 22, 23 or 24 segment drivers
   – 1 to 4 backplanes
• LCD multiplexing rates: 1 : 1 (static), 1 : 2, 1 : 3 or 1 : 4
• Operating temperature: −40 to +85 °C
• Single power supply:
   – Operating voltage: 3.5 to 5.5 V
   – Power-down mode: 1.8 V.




Similar Part No. - P83C434

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C453EBAA PHILIPS-P83C453EBAA Datasheet
188Kb / 26P
80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
P83C453EBAA PHILIPS-P83C453EBAA Datasheet
262Kb / 23P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
P83C453EFAA PHILIPS-P83C453EFAA Datasheet
262Kb / 23P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
More results


Similar Description - P83C434

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75316 NEC-UPD75316 Datasheet
3Mb / 71P
4-Bit, Single-Chip Microcontrollers With LCD Controller/Driver
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Microchip Technology
PIC16LF1902 MICROCHIP-PIC16LF1902 Datasheet
1Mb / 236P
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver
2011
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
8-bit Microcontroller with LCD Driver
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
8-bit Microcontroller with LCD Driver
logo
Microchip Technology
PIC16F1938 MICROCHIP-PIC16F1938_13 Datasheet
9Mb / 488P
28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver
11/29/12 2011-2013
PIC16F1933 MICROCHIP-PIC16F1933_12 Datasheet
8Mb / 464P
28-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver with XLP Technology
11/29/11
logo
Generalplus Technology ...
GPLB62X GENERALPLUS-GPLB62X Datasheet
844Kb / 21P
8--bit LCD Controller/Driver with SPU
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com