Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBB4 Datasheet (PDF) - TiMOTION Technology Co. Ltd.

TBB4 Datasheet PDF - TiMOTION Technology Co. Ltd.
Part # TBB4
Download  TBB4 Download
File Size   272.59 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Capacity 1.2 or 2.2Ah

TBB4 Datasheet (PDF)

Go To PDF Page Download Datasheet
TBB4 Datasheet PDF - TiMOTION Technology Co. Ltd.

Part # TBB4
Download  TBB4 Click to download

File Size   272.59 Kbytes
Page   3 Pages
Manufacturer  TIMOTION [TiMOTION Technology Co. Ltd.]
Direct Link  https://www.timotion.com/kr
Logo TIMOTION - TiMOTION Technology Co. Ltd.
Description Capacity 1.2 or 2.2Ah

TBB4 Datasheet (HTML) - TiMOTION Technology Co. Ltd.


TBB4 Product details

Battery type Lead acid
Capacity 1.2 or 2.2Ah
Discharging voltage 24V DC, 2A
Charging voltage 29~45V DC
Color Black or grey
IP rating IP66W
Certificate IEC60601-1, ES60601-1
LED indication (for charge / discharge status)
With on/off function, it’s able to keep or stop discharging




Similar Part No. - TBB4

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
FM Receiver IC
logo
Automatic Timing & Cont...
TBB48DAA ATC-TBB48DAA Datasheet
350Kb / 1P
Interval DIP Switch TDR
TBB48DBA ATC-TBB48DBA Datasheet
350Kb / 1P
Interval DIP Switch TDR
TBB48DCA ATC-TBB48DCA Datasheet
350Kb / 1P
Interval DIP Switch TDR
TBB48DDA ATC-TBB48DDA Datasheet
350Kb / 1P
Interval DIP Switch TDR
More results


Similar Description - TBB4

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
S016-1220120-FB CANDD-S016-1220120-FB Datasheet
194Kb / 9P
DC/DC Converter 12V Input, 1.2 - 5.0V Adjustable Output, 16A or 45W
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
logo
Schurter Inc.
0090.0001 SCHURTER-0090.0001 Datasheet
276Kb / 2P
Breaking capacity
609861 SCHURTER-609861 Datasheet
276Kb / 2P
Breaking capacity
logo
Littelfuse
215.500P LITTELFUSE-215.500P Datasheet
252Kb / 2P
High breaking capacity
logo
Texas Instruments
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
logo
Extech Instruments Corp...
BT100 EXTECH-BT100_15 Datasheet
135Kb / 1P
Battery Capacity Tester
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
High Surge Capacity
logo
Texas Instruments
TLV9001 TI1-TLV9001 Datasheet
896Kb / 23P
Low-Power, Rail-to-Rail In or Out, 1.2-MHz Operational Amplifier
logo
List of Unclassifed Man...
FSSF00033AA ETC-FSSF00033AA Datasheet
168Kb / 9P
ICR 18650 Cells, 2.2Ah
January 16, 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com