Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ2002B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2002B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ2002B
Download  TZ2002B Download
File Size   134.24 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 2.0x1.6 32MHz

TZ2002B Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ2002B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ2002B
Download  TZ2002B Click to download

File Size   134.24 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 2.0x1.6 32MHz

TZ2002B Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ2002B Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 2.0mmx1.6mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ2002B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2002A TAI-SAW-TZ2002A Datasheet
191Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ2002D TAI-SAW-TZ2002D Datasheet
205Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
TZ2002E TAI-SAW-TZ2002E Datasheet
122Kb / 8P
Crystal Unit SMD 2.0x1.6 32.0MHz
REV. NO.: 1
More results


Similar Description - TZ2002B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0790A TAI-SAW-TZ0790A Datasheet
189Kb / 5P
SMD 5.0x3.2 32MHz Crystal Unit
REV. NO.: 1
TZ0886A TAI-SAW-TZ0886A Datasheet
339Kb / 7P
SMD 5.0x3.2 32MHz Crystal Unit
REV. NO.: 2
TZ1213A TAI-SAW-TZ1213A Datasheet
375Kb / 8P
Crystal Unit SMD 2.5x2.0 32MHz
REV. NO.: 1
TZ1269A TAI-SAW-TZ1269A Datasheet
176Kb / 8P
Crystal Unit SMD 2.0x1.6 40.0MHz
REV. NO.: 8.0
TZ1323B TAI-SAW-TZ1323B Datasheet
174Kb / 8P
Crystal Unit SMD 2.0x1.6 27MHz
REV. NO.: 5.0
TZ1337A TAI-SAW-TZ1337A Datasheet
188Kb / 8P
Crystal Unit SMD 2.0x1.6 26.0MHz
REV. NO.: 7.0
TZ1581A TAI-SAW-TZ1581A Datasheet
336Kb / 7P
SMD 5.0x3.2 32MHz Crystal Unit
REV. NO.: 1
TZ1582A TAI-SAW-TZ1582A Datasheet
333Kb / 7P
SMD 5.0x3.2 32MHz Crystal Unit
REV. NO.: 1
TZ2155A TAI-SAW-TZ2155A Datasheet
139Kb / 8P
Crystal Unit SMD 2.0x1.6 32MHz
REV. NO.: 4.0
TZ2155C TAI-SAW-TZ2155C Datasheet
165Kb / 8P
Crystal Unit SMD 2.0x1.6 32MHz
REV. NO.: 3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com