Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZ2012B Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TZ2012B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TZ2012B
Download  TZ2012B Download
File Size   417.09 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 16MHz

TZ2012B Datasheet (PDF)

Go To PDF Page Download Datasheet
TZ2012B Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TZ2012B
Download  TZ2012B Click to download

File Size   417.09 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description Crystal Unit SMD 3.2x2.5 16MHz

TZ2012B Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.


TZ2012B Product details

Features:
Surface Mount Hermetic Package
Excellent Reliability Performance
Good Frequency Perturbation and Stability over temperature
Ultra Miniature Package

Description and Applications:
Surface mount 3.2mmx2.5mm crystal unit for use in wireless communications devices,
especially for a need of ultra miniature package for mobility.




Similar Part No. - TZ2012B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2012A TAI-SAW-TZ2012A Datasheet
420Kb / 8P
Crystal Unit SMD 3.2x2.5 16.00MHz
REV. NO.: 1
More results


Similar Description - TZ2012B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TW0277A TAI-SAW-TW0277A Datasheet
270Kb / 6P
SMD 3.2x2.5 16MHz Crystal Oscillator
TZ0111A TAI-SAW-TZ0111A Datasheet
405Kb / 8P
SMD 4.0x2.5 16MHz Crystal Unit
REV. NO.: 5.0
TZ0308D TAI-SAW-TZ0308D Datasheet
146Kb / 7P
Crystal Unit SMD 3.2x2.5 40.000MHz
REV. NO.: 1
TZ0329A TAI-SAW-TZ0329A Datasheet
301Kb / 7P
Crystal Unit SMD 3.2x2.5 24.576MHz
REV. NO.: 6
TZ0342A TAI-SAW-TZ0342A Datasheet
302Kb / 7P
Crystal Unit SMD 3.2x2.5 14.7456MHz
REV. NO.: 5
TZ0897A TAI-SAW-TZ0897A Datasheet
147Kb / 8P
Crystal Unit SMD 4.0x2.5 16MHz
REV. NO.: 1
TZ1392A TAI-SAW-TZ1392A Datasheet
211Kb / 3P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
TZ1525A TAI-SAW-TZ1525A Datasheet
386Kb / 7P
SMD 5.0x3.2 16MHz Crystal Unit
REV. NO.: 1
TZ1868A TAI-SAW-TZ1868A Datasheet
137Kb / 8P
Crystal Unit SMD 2.5x2.0 16MHz
REV. NO.: 1
TZ2550A TAI-SAW-TZ2550A Datasheet
100Kb / 5P
HC49US 16MHz Crystal Unit
REV. NO.: 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com