Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet (PDF) - NXP Semiconductors

33982 Datasheet PDF - NXP Semiconductors
Part # 33982
Download  33982 Download
File Size   2321.01 Kbytes
Page   49 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single intelligent high-current selfprotected high-side switch (2.0 mOhm)

33982 Datasheet (PDF)

Go To PDF Page Download Datasheet
33982 Datasheet PDF - NXP Semiconductors

Part # 33982
Download  33982 Click to download

File Size   2321.01 Kbytes
Page   49 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single intelligent high-current selfprotected high-side switch (2.0 mOhm)

33982 Datasheet (HTML) - NXP Semiconductors


33982 Product details

The 33982 is a self-protected silicon 2.0 mOhm high-side switch used to replace
electromechanical relays, fuses, and discrete devices in power management
applications. The 33982 is designed for harsh environments and includes selfrecovery
features. The device is suitable for loads with high inrush current, as
well as motors and all types of resistive and inductive loads.
Programming, control, and diagnostics are implemented via the serial peripheral
interface (SPI). A dedicated parallel input is available for alternate and pulsewidth
modulation (PWM) control of the output. SPI-programmable fault trip
thresholds allow the device to be adjusted for optimal performance in the
application.
Features
• Single 2.0 m max high-side switch with parallel input or SPI control
• 6.0 V to 27 V operating voltage with standby currents < 5.0 A
• Output current monitoring with two SPI-selectable current ratios
• SPI control of overcurrent limit, overcurrent fault blanking time, output OFF
open load detection, output ON/OFF control, watchdog timeout, slew
rates, and fault status reporting
• SPI status reporting of overcurrent, open and shorted loads,
overtemperature shutdown, undervoltage and overvoltage shutdown,
Fail-safe pin status, and program status
• Enhanced -16 V reverse polarity VPWR protection
Applications
• DC motor or solenoid
• Resistive and inductive loads
• Low-voltage lighting




Similar Part No. - 33982

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33982 FREESCALE-33982 Datasheet
820Kb / 35P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
logo
NXP Semiconductors
33982 NXP-33982 Datasheet
2Mb / 47P
Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
Rev. 19.0, 07/2023
logo
Freescale Semiconductor...
33982 FREESCALE-33982 Datasheet
888Kb / 37P
Single Intelligent High-current Self protected High-side Switch
Rev. 18.0, 9/2014
33982B FREESCALE-33982B Datasheet
722Kb / 34P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
More results


Similar Description - 33982

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33982 MOTOROLA-MC33982 Datasheet
771Kb / 24P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch
logo
Freescale Semiconductor...
33982B FREESCALE-33982B Datasheet
722Kb / 34P
Single Intelligent High-Current Self-Protected Silicon High-Side Switch (2.0 mohm)
33984B FREESCALE-33984B Datasheet
1Mb / 36P
Dual Intelligent High-Current Self Protected Silicon High-Side Switch (4.0 mohm)
33982 FREESCALE-33982_08 Datasheet
820Kb / 35P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0m ohm)
33982B FREESCALE-33982B_09 Datasheet
840Kb / 36P
Single Intelligent High-current Self-protected Silicon High Side Switch (2.0 m廓)
33982 FREESCALE-33982 Datasheet
646Kb / 36P
Single Intelligent High-current Self-protected High Side Switch (2.0 mOhm)
33984 FREESCALE-33984 Datasheet
952Kb / 38P
Dual Intelligent High-current Self-protected Silicon High Side Switch (4.0 mOhm)
33988 FREESCALE-33988_12 Datasheet
919Kb / 34P
Dual Intelligent High-current Self-protected Silicon High Side Switch (8.0 mOhm)
logo
NXP Semiconductors
MC33982 NXP-MC33982 Datasheet
2Mb / 47P
Single intelligent high-current selfprotected high-side switch (2.0 mOhm)
Rev. 19.0, 07/2023
MC33984 NXP-MC33984 Datasheet
1Mb / 57P
Dual intelligent high-current self-protected silicon high-side switch (4.0 mOhm)
Rev. 17.0, 07/2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com