Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1453450 Datasheet (PDF) - PHOENIX CONTACT

1453450 Datasheet PDF - PHOENIX CONTACT
Part # 1453450
Download  1453450 Download
File Size   278.72 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CBC-PRC 3-FC-MS6 8-21 800V - Connector

1453450 Datasheet (PDF)

Go To PDF Page Download Datasheet
1453450 Datasheet PDF - PHOENIX CONTACT

Part # 1453450
Download  1453450 Click to download

File Size   278.72 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CBC-PRC 3-FC-MS6 8-21 800V - Connector

1453450 Datasheet (HTML) - PHOENIX CONTACT


1453450 Product details

Connector, Range of articles: ArcZero, color: black, number of positions: 3, min. conductor cross
section: 2.5 mm2, max. conductor cross section: 6 mm2, rated voltage: 800 VDC, rated current:
20 A, Connection method: Screw connection, Contact connection type: Pin, min. cable diameter:
8 mm, max. cable diameter: 21 mm. Maximum load when disconnecting: 16 kW. DC microgrids

Your advantages
• Safe connection and disconnection under load
• Fast disconnection of flying leads
• Time-saving maintenance or replacement of connected devices
• Robust outdoor design even for extreme conditions
• Particularly durable and economical




Similar Part No. - 1453450

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1453451 PHOENIX-1453451 Datasheet
281Kb / 5P
CBC-PRC 3-FT25-MS6 800V - Panel feed-through
1453452 PHOENIX-1453452 Datasheet
407Kb / 8P
SACC-DSI-M 8FS-4CON-M12/0,5 - Device connector, rear mounting
More results


Similar Description - 1453450

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1014498 PHOENIX-1014498 Datasheet
61Kb / 3P
Connector - PRC 3-FC-MS6 8-21
1014502 PHOENIX-1014502 Datasheet
61Kb / 3P
Connector - PRC 3-FC-MS6 8-12
1014505 PHOENIX-1014505 Datasheet
61Kb / 3P
Connector - PRC 5-FC-MS6 16-21
1014530 PHOENIX-1014530 Datasheet
61Kb / 3P
Connector - PRC 5-FC-MS6 8-21
1014531 PHOENIX-1014531 Datasheet
61Kb / 3P
Connector - PRC 3-FC-MS6 16-21
1437004 PHOENIX-1437004 Datasheet
278Kb / 5P
CBC-PRC 3-FC-FS6 8-21 HR 400V - Coupler connector
1437008 PHOENIX-1437008 Datasheet
166Kb / 3P
CBC-PRC 3-FC-FS6 8-21 400V - Connector
1437019 PHOENIX-1437019 Datasheet
278Kb / 5P
CBC-PRC 3-FC-MS6 8-21 400V - Connector
1441143 PHOENIX-1441143 Datasheet
278Kb / 5P
CBC-PRC 3-FC-FS6 8-21 HR 800V - Coupler connector
1453451 PHOENIX-1453451 Datasheet
281Kb / 5P
CBC-PRC 3-FT25-MS6 800V - Panel feed-through
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com