Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL51 Datasheet (PDF) - Vaisala

CL51 Datasheet PDF - Vaisala
Part # CL51
Download  CL51 Download
File Size   215.63 Kbytes
Page   2 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description Ceilometer CL51 for high-range cloud height detection

CL51 Datasheet (PDF)

Go To PDF Page Download Datasheet
CL51 Datasheet PDF - Vaisala

Part # CL51
Download  CL51 Click to download

File Size   215.63 Kbytes
Page   2 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description Ceilometer CL51 for high-range cloud height detection

CL51 Datasheet (HTML) - Vaisala


CL51 Product details

Features
Cloud reporting range up to 13 km
43 000 ft)
Backscatter profiling over full
range up to 15 km (49 200 feet)
Second-generation, advanced
single-lens optics with excellent
performance also at low altitudes
Field-proven, fully automatic 24/7
operation in all weather
conditions
Modular design for easy
installation and maintenance
Extensive self-diagnostics with
fault analysis
Reliable operation in all weather:
unsurpassed performance in
precipitation
Based on robust and affordable
laser diode technology
Detection of cirrus clouds
Latest technology from the world
leading manufacturer - over 5000
ceilometer installations worldwide




Similar Part No. - CL51

ManufacturerPart #DatasheetDescription
logo
Omega Engineering, Inc.
CL510A OMEGA-CL510A Datasheet
268Kb / 1P
RTD Simulators
CL510A-1 OMEGA-CL510A-1 Datasheet
268Kb / 1P
RTD Simulators
CL510A-10 OMEGA-CL510A-10 Datasheet
268Kb / 1P
RTD Simulators
More results


Similar Description - CL51

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-MDA11 OMRON-E3X-MDA11 Datasheet
531Kb / 14P
OMRONs Next-generation Platform for a Wide Range of Detection
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
The CLoud Flexible Polymer Cloud Shape Antenna
logo
NXP Semiconductors
A71CL NXP-A71CL Datasheet
382Kb / 24P
Plug & Trust Secure Element for Alibaba Cloud
Rev.3.1-24 September 2020
logo
PHOENIX CONTACT
2404449 PHOENIX-2404449 Datasheet
67Kb / 3P
Cloud service - CLOUD SERVICE/SYSTEMCOUPLER
09/12/2020
logo
Advantech Co., Ltd.
ECU-1050 ADVANTECH-ECU-1050 Datasheet
420Kb / 1P
Cloud enabled Intelligent Communication Gateway for IIOT application
12-Oct-2021
ECU-1051E ADVANTECH-ECU-1051E Datasheet
338Kb / 1P
Cloud enabled Intelligent Communication Gateway for IIOT application
31-Aug-2022
ESRP-CMS-EKI7710 ADVANTECH-ESRP-CMS-EKI7710 Datasheet
1Mb / 2P
Cloud Network Management System
logo
Vaisala
CA10 VAISALA-CA10 Datasheet
171Kb / 2P
Cloud Access Point
CL31 VAISALA-CL31 Datasheet
1Mb / 2P
Ceilometer CL31
CL61 VAISALA-CL61 Datasheet
138Kb / 2P
Lidar Ceilometer CL61 with depolarization measurement
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com