Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMP252 Datasheet (PDF) - Vaisala

GMP252 Datasheet PDF - Vaisala
Part # GMP252
Download  GMP252 Download
File Size   279.4 Kbytes
Page   3 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description GMP252 Carbon Dioxide Probe

GMP252 Datasheet (PDF)

Go To PDF Page Download Datasheet
GMP252 Datasheet PDF - Vaisala

Part # GMP252
Download  GMP252 Click to download

File Size   279.4 Kbytes
Page   3 Pages
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala
Description GMP252 Carbon Dioxide Probe

GMP252 Datasheet (HTML) - Vaisala


GMP252 Product details

Features
Measurement range
0 … 10 000 ppm CO2
Intelligent, standalone probe with
analog and digital outputs
Compatible with Vaisala Indigo
products and Insight PC software
Wide operating temperature
range, −40 … +60 °C
(−40 … +140 °F)
IP65-classified housing
Integrated temperature
measurement for CO2
compensation purposes
Compensations also for pressure,
oxygen, and humidity
Sensor head heated to prevent
condensation

Applications
GMP252 is ideal for agriculture,
refrigeration, greenhouses, and
demanding HVAC applications where
stable and accurate ppm-level CO2
measurements are needed.
A flow-through adapter with gas ports is
available as an accessory, enabling
tubing for easy and flexible remote
measurement with a separate pump. A
multiplexer can also be added for
sampling gas from several locations.




Similar Part No. - GMP252

ManufacturerPart #DatasheetDescription
logo
Vaisala
GMP251 VAISALA-GMP251 Datasheet
229Kb / 3P
GMP251 Carbon Dioxide Probe
More results


Similar Description - GMP252

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
CD2DT GREYSTONE-CD2DT Datasheet
271Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CD2OS GREYSTONE-CD2OS Datasheet
306Kb / 2P
OUTSIDE CARBON DIOXIDE TRANSMITTER
CD2RMC GREYSTONE-CD2RMC Datasheet
268Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CDD5X1 GREYSTONE-CDD5X1 Datasheet
402Kb / 2P
ROOM CARBON DIOXIDE DETECTOR
CDDT GREYSTONE-CDDT Datasheet
314Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CEDT GREYSTONE-CEDT Datasheet
421Kb / 2P
DUCT CARBON DIOXIDE TRANSMITTER
CERMC GREYSTONE-CERMC Datasheet
171Kb / 2P
ROOM CARBON DIOXIDE TRANSMITTER
logo
Vaisala
GMD20 VAISALA-GMD20 Datasheet
1Mb / 2P
GMD20 Series Carbon Dioxide Transmitters
GMP251 VAISALA-GMP251 Datasheet
229Kb / 3P
GMP251 Carbon Dioxide Probe
GMP343 VAISALA-GMP343 Datasheet
209Kb / 3P
GMP343 Carbon Dioxide Probe
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com