Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCG-183+ Datasheet (PDF) - Mini-Circuits

TPCG-183+ Datasheet PDF - Mini-Circuits
Part # TPCG-183+
Download  TPCG-183+ Download
File Size   442.22 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Thru-Line

TPCG-183+ Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCG-183+ Datasheet PDF - Mini-Circuits

Part # TPCG-183+
Download  TPCG-183+ Click to download

File Size   442.22 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Thru-Line

TPCG-183+ Datasheet (HTML) - Mini-Circuits


TPCG-183+ Product details

THE BIG DEAL
Low Insertion Loss, 0.5dB Typ.
Return Loss, 10dB Typ.
0805 Surface Mount Footprint
Versatile “Place Holder” for Mini-Circuits LTCC Filters
Power Handling: 7.5 Watts

APPLICATIONS
Test and Measurement Equipment
Communications, Radar, EW, and ECM Defense Systems
5G MIMO and Back Haul Radio Systems
Satellite Communications




Similar Part No. - TPCG-183+

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPCGKF-200-XS TOPPOWER-TPCGKF-200-XS Datasheet
781Kb / 4P
200W Wide input AC/DC switching power supply
TPCGKF-320-XS TOPPOWER-TPCGKF-320-XS Datasheet
794Kb / 4P
300-312W Wide input AC/DC switching power supply
TPCGZM-60-T05D15 TOPPOWER-TPCGZM-60-T05D15 Datasheet
363Kb / 4P
60W Wide input Triple output AC/DC switching power supply
More results


Similar Description - TPCG-183+

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-9750-1HL RENCO-RL-9750-1HL Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-2 RENCO-RL-9750-2 Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-2HL RENCO-RL-9750-2HL Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-3 RENCO-RL-9750-3 Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-4HM RENCO-RL-9750-4HM Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-5HM RENCO-RL-9750-5HM Datasheet
749Kb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-5HMHL RENCO-RL-9750-5HMHL Datasheet
747Kb / 2P
THRU-HOLE AC LINE FILTER
logo
Mini-Circuits
TPCN-203 MINI-TPCN-203 Datasheet
446Kb / 3P
Thru-Line
REV.C
TPCW-233+ MINI-TPCW-233+ Datasheet
503Kb / 4P
Thru-Line
REV. C
TPHK-3002+ MINI-TPHK-3002+ Datasheet
508Kb / 4P
Thru-Line
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com