Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCW-233+ Datasheet (PDF) - Mini-Circuits

TPCW-233+ Datasheet PDF - Mini-Circuits
Part # TPCW-233+
Download  TPCW-233+ Download
File Size   503.04 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Thru-Line

TPCW-233+ Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCW-233+ Datasheet PDF - Mini-Circuits

Part # TPCW-233+
Download  TPCW-233+ Click to download

File Size   503.04 Kbytes
Page   4 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Thru-Line

TPCW-233+ Datasheet (HTML) - Mini-Circuits


TPCW-233+ Product details

THE BIG DEAL
Low Insertion Loss, 0.15dB Typ.
Return Loss, 21dB Typ.
0603 Surface Mount Footprint
Versatile “Place Holder” for Mini-Circuits LTCC Filters
Power Handling: 7 Watts

APPLICATIONS
Test and Measurement Equipment
Communication, EW, Radar and ECM Defense Systems
5G MIMO and Back Haul Radio Systems
Satellite Communications




Similar Part No. - TPCW-233+

ManufacturerPart #DatasheetDescription
logo
C&K Components
TPC CK-COMPONENTS-TPC Datasheet
373Kb / 3P
Tri-direction Scan Switch
logo
TRACO Electronic AG
TPC TRACOPOWER-TPC Datasheet
432Kb / 4P
TPC Series, 30 to 120 Watt
Rev. February 1, 2021
logo
AVX Corporation
TPC AVX-TPC Datasheet
62Kb / 1P
Marking
logo
Advantech Co., Ltd.
TPC--155H-E3BE ADVANTECH-TPC--155H-E3BE Datasheet
532Kb / 2P
15" XGA TFT LED LCD Thin-Client Terminal with Intel® Atom™ Processor and UL Class 1 Division 2
16-Jan-2023
logo
Micro Electronics
TPC-02026 MICRO-ELECTRONICS-TPC-02026 Datasheet
443Kb / 3P
LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
More results


Similar Description - TPCW-233+

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-9750-1HL RENCO-RL-9750-1HL Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-2 RENCO-RL-9750-2 Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-2HL RENCO-RL-9750-2HL Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-3 RENCO-RL-9750-3 Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-4HM RENCO-RL-9750-4HM Datasheet
1Mb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-5HM RENCO-RL-9750-5HM Datasheet
749Kb / 2P
THRU-HOLE AC LINE FILTER
RL-9750-5HMHL RENCO-RL-9750-5HMHL Datasheet
747Kb / 2P
THRU-HOLE AC LINE FILTER
logo
Mini-Circuits
TPCN-203 MINI-TPCN-203 Datasheet
446Kb / 3P
Thru-Line
REV.C
TPCG-183+ MINI-TPCG-183+ Datasheet
442Kb / 4P
Thru-Line
REV. OR
TPHK-3002+ MINI-TPHK-3002+ Datasheet
508Kb / 4P
Thru-Line
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com