Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2857 Datasheet (PDF) - Advanced Power Technology

2N2857 Datasheet PDF - Advanced Power Technology
Part # 2N2857
Download  2N2857 Download
File Size   114.37 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS

2N2857 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N2857 Datasheet PDF - Advanced Power Technology

Part # 2N2857
Download  2N2857 Click to download

File Size   114.37 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS

2N2857 Datasheet (HTML) - Advanced Power Technology


2N2857 Product details

DESCRIPTION:
The 2N2857 is a silicon NPN transistor, designed for UHF equipment. Applications include low noise amplifier; oscillator, and mixer applications.

Features
• Silicon NPN, To-72 packaged UHF Transistor
• 1.6 GHz Current-Gain Bandwidth Product @ 5mA IC
• Maximum Unilateral Gain = 13 dB (typ) @ 500 MHz




Similar Part No. - 2N2857

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2857 SEME-LAB-2N2857 Datasheet
13Kb / 2P
NPN TRANSISTOR
logo
Semicoa Semiconductor
2N2857 SEMICOA-2N2857 Datasheet
30Kb / 1P
Chip Type 2C2857 Geometry 0011 Polarity NPN
2N2857 SEMICOA-2N2857 Datasheet
42Kb / 2P
Type 2N2857 Geometry 0011 Polarity NPN
logo
Microsemi Corporation
2N2857 MICROSEMI-2N2857 Datasheet
85Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Central Semiconductor C...
2N2857 CENTRAL-2N2857 Datasheet
61Kb / 1P
Small Signal NPN Transistors / Dual Transistors
More results


Similar Description - 2N2857

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR91 ADPOW-BFR91 Datasheet
120Kb / 5P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com