Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1935271 Datasheet (PDF) - PHOENIX CONTACT

1935271 Datasheet PDF - PHOENIX CONTACT
Part # 1935271
Download  1935271 Download
File Size   461.82 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/13-5,0-H - PCB terminal block

1935271 Datasheet (PDF)

Go To PDF Page Download Datasheet
1935271 Datasheet PDF - PHOENIX CONTACT

Part # 1935271
Download  1935271 Click to download

File Size   461.82 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 1,5/13-5,0-H - PCB terminal block

1935271 Datasheet (HTML) - PHOENIX CONTACT


1935271 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
1.5 mm2, number of potentials: 13, number of rows: 1, number of positions per row: 13, product
range: PT 1,5/..-H, pitch: 5 mm, connection method: Screw connection with wire protector,
mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout:
Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• High terminal block capacity thanks to rectangular terminal block space
• Allows connection of two conductors
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1935271

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
193527 FESTO-193527 Datasheet
89Kb / 2P
Vacuum generator
More results


Similar Description - 1935271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1935161 PHOENIX-1935161 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 2-5,0-H
1935174 PHOENIX-1935174 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 3-5,0-H
1935200 PHOENIX-1935200 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 6-5,0-H
1935213 PHOENIX-1935213 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/ 7-5,0-H
1935242 PHOENIX-1935242 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/10-5,0-H
1935255 PHOENIX-1935255 Datasheet
82Kb / 6P
PCB terminal block - PT 1,5/11-5,0-H
1935420 PHOENIX-1935420 Datasheet
85Kb / 6P
PCB terminal block - PT 1,5/13-5,0-V
1989557 PHOENIX-1989557 Datasheet
58Kb / 5P
PCB terminal block - PT 1,5/13-5,0-H BK
1934971 PHOENIX-1934971 Datasheet
74Kb / 5P
PCB terminal block - PT 1,5/13-PVH-5,0
1935886 PHOENIX-1935886 Datasheet
457Kb / 11P
PT 2,5/13-5,0-H - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com