Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL6 Datasheet (PDF) - Leadshine Technology Co., Ltd.

EL6 Datasheet PDF - Leadshine Technology Co., Ltd.
Part # EL6
Download  EL6 Download
File Size   438.26 Kbytes
Page   5 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description EL6 AC Servo Drive

EL6 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6 Datasheet PDF - Leadshine Technology Co., Ltd.

Part # EL6
Download  EL6 Click to download

File Size   438.26 Kbytes
Page   5 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description EL6 AC Servo Drive

EL6 Datasheet (HTML) - Leadshine Technology Co., Ltd.


EL6 Product details

Features
Space Vector Modulation (SVM) Technology
Efficient configuration methods:2 parameters related, robust Control
Automatic identification for motor type with 17bit/23bit encoder
Variety of external command signal: Pulse&Direction
Build-in motion engine, internal motion controller used
P-N Junction: Exchange power of entire servo drives
Encoder output selectable




Similar Part No. - EL6

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
EL6-RS Series AC Servo Drives – 220VAC
logo
FranMar International I...
EL60 FRANMAR-EL60 Datasheet
312Kb / 1P
60W 4:1 Input Voltage Isolated DC - DC Converters
EL60-40 FRANMAR-EL60-40 Datasheet
312Kb / 1P
60W 4:1 Input Voltage Isolated DC - DC Converters
EL60-41 FRANMAR-EL60-41 Datasheet
312Kb / 1P
60W 4:1 Input Voltage Isolated DC - DC Converters
EL60-42 FRANMAR-EL60-42 Datasheet
312Kb / 1P
60W 4:1 Input Voltage Isolated DC - DC Converters
More results


Similar Description - EL6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M0100-103-3-000 ETC2-M0100-103-3-000 Datasheet
4Mb / 16P
400W AC Powered Servo Drive
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
EL6-RS Series AC Servo Drives – 220VAC
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
ELP Series AC Servo Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com