Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM3E Datasheet (PDF) - Leadshine Technology Co., Ltd.

EM3E Datasheet PDF - Leadshine Technology Co., Ltd.
Part # EM3E
Download  EM3E Download
File Size   567.88 Kbytes
Page   7 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description EM3E Series Stepper Drive

EM3E Datasheet (PDF)

Go To PDF Page Download Datasheet
EM3E Datasheet PDF - Leadshine Technology Co., Ltd.

Part # EM3E
Download  EM3E Click to download

File Size   567.88 Kbytes
Page   7 Pages
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.
Description EM3E Series Stepper Drive

EM3E Datasheet (HTML) - Leadshine Technology Co., Ltd.


EM3E Product details

Feature
CANopen over EtherCAT (CoE) with full support of CiA402, 100Mbps full-duplex.
Operation modes: Profile Position, Profile Velocity, Cyclic Synchronous Position, Homing
6 configurable digital inputs, 2 optically isolated digital outputs
Low noise and vibration, smooth motion
Supply voltage: 20-50VDC. Max output current: 2.2A, 5.6A, or 7.0A
Micro-USB port for parameters configuration
Matched with NEMA11/17/23/24/ 34 CM series stepper motors
Protections for over voltage, over current, limit switch error, phase loss error, etc.




Similar Part No. - EM3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM3-DINAV23CO ETC2-EM3-DINAV23CO Datasheet
94Kb / 4P
Energy Management Energy Meter with plug-in Output Modules
EM3-DINAV23CR ETC2-EM3-DINAV23CR Datasheet
94Kb / 4P
Energy Management Energy Meter with plug-in Output Modules
EM3-DINAV23CX ETC2-EM3-DINAV23CX Datasheet
94Kb / 4P
Energy Management Energy Meter with plug-in Output Modules
EM3-DINAV23DO ETC2-EM3-DINAV23DO Datasheet
94Kb / 4P
Energy Management Energy Meter with plug-in Output Modules
EM3-DINAV23DR ETC2-EM3-DINAV23DR Datasheet
94Kb / 4P
Energy Management Energy Meter with plug-in Output Modules
More results


Similar Description - EM3E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
Stepper Motor Drive Circuit
logo
Ericsson
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
Stepper Motor Drive Circuit
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
Stepper Motor Drive Circuit
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
Stepper Motor Drive Circuit
logo
STMicroelectronics
AN1495 STMICROELECTRONICS-AN1495 Datasheet
714Kb / 25P
Microstepping stepper motor drive
26-Sep-2012
logo
Leadshine Technology Co...
20CM004 LEADSHINE-20CM004 Datasheet
8Mb / 8P
CM Series Stepper Drive
CS2RS LEADSHINE-CS2RS Datasheet
725Kb / 8P
CS2RS Series Stepper Drive
CS3E LEADSHINE-CS3E Datasheet
896Kb / 9P
CS3E Series Stepper Drive
EM2RS LEADSHINE-EM2RS Datasheet
737Kb / 7P
EM2RS Series Stepper Drive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com