Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD8316 Datasheet (PDF) - ON Semiconductor

FOD8316 Datasheet PDF - ON Semiconductor
Part # FOD8316
Download  FOD8316 Download
File Size   463.3 Kbytes
Page   28 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing

FOD8316 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD8316 Datasheet PDF - ON Semiconductor

Part # FOD8316
Download  FOD8316 Click to download

File Size   463.3 Kbytes
Page   28 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing

FOD8316 Datasheet (HTML) - ON Semiconductor


FOD8316 Product details

Description
The FOD8316 is an advanced 2.5 A output current IGBT drive
optocoupler capable of driving most 1200 V /150 A IGBTs. It is ideally
suited for fast−switching driving of power IGBTs and MOSFETs used
in motor−control inverter applications and high−performance power
systems. The FOD8316 offers critical protection features necessary for
preventing fault conditions that lead to destructive thermal runaway of
IGBTs.
The device utilizes onsemi’s proprietary OPTOPLANAR® coplanar
packaging technology, and optimized IC design to achieve high noise
immunity, characterized by high common−mode rejection and power
supply rejection specifications.
The FOD8316 consists of an integrated gate drive optocoupler
featuring low RDS(ON) CMOS transistors to drive the IGBT from
rail−to−rail and an integrated high−speed isolated feedback for fault
sensing. The device is housed in a compact 16−pin small−outline plastic
package which meets the 8 mm creepage and clearance requirements.
Features
• High Noise Immunity Characterized by Common Mode Rejection −
35 kV/s Minimum, VCM = 1500 VPEAK
• 2.5 A Peak Output Current Driving Capability for Most 1200 V /
150 A IGBTs
• Optically Isolated Fault Sensing Feedback
• “Soft” IGBT Turn−off
• Built−in IGBT Protection
♦ Desaturation Detection
♦ Under−Voltage Lockout (UVLO) Protection
• Wide Supply Voltage Range: 15 V to 30 V
♦ P−Channel MOSFETs at Output Stage Enables Output Voltage
Swing Close to the Supply Rail (Rail−to−Rail Output)
• 3.3 V / 5 V, CMOS/TTL Compatible Inputs
• High Speed
♦ 250 ns Maximum Propagation Delay Over Full Operating
Temperature Range
• Extended Industrial Temperate Range, −40°C to 100°C
• Safety and Regulatory Approvals
♦ UL1577, 4,243 VRMS for 1 Minute
♦ DIN EN/IEC 60747−5−5:
1,414 VPEAKWorking Insulation Voltage Rating
8,000 VPEAK Transient Isolation Voltage Rating
• RDS(ON) of 1  (Typical) Offers Lower Power Dissipation
Features (continued)
• User−Configurable: Inverting, Non−inverting,
Auto−reset, Auto−shutdown
• 8 mm Creepage and Clearance Distances
Applications
• Industrial Inverter
• Induction Heating
• Isolated IGBT Drive




Similar Part No. - FOD8316

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
2.5A Output Current, IGBT Drive Optocoupler
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
logo
Fairchild Semiconductor
FOD8316R2 FAIRCHILD-FOD8316R2 Datasheet
2Mb / 29P
2.5A Output Current, IGBT Drive Optocoupler
logo
ON Semiconductor
FOD8316R2 ONSEMI-FOD8316R2 Datasheet
450Kb / 29P
2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
logo
Fairchild Semiconductor
FOD8316R2V FAIRCHILD-FOD8316R2V Datasheet
2Mb / 29P
2.5A Output Current, IGBT Drive Optocoupler
More results


Similar Description - FOD8316

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-000E AVAGO-HCPL-316J-000E Datasheet
332Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-38JT-000E AVAGO-ACPL-38JT-000E Datasheet
561Kb / 33P
Automotive Gate Drive Optocoupler with R2Coupler??Isolation, 2.5 Amp Output Current, Integrated Desaturation (VCE) Detection and Fault Status Feedback
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318_V01 Datasheet
555Kb / 29P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
January, 2023 - Rev. 4
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com