Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOD8318 Datasheet (PDF) - ON Semiconductor

FOD8318 Datasheet PDF - ON Semiconductor
Part # FOD8318
Download  FOD8318 Download
File Size   555.31 Kbytes
Page   29 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing

FOD8318 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD8318 Datasheet PDF - ON Semiconductor

Part # FOD8318
Download  FOD8318 Click to download

File Size   555.31 Kbytes
Page   29 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing

FOD8318 Datasheet (HTML) - ON Semiconductor


FOD8318 Product details

Description
The FOD8318 is an advanced 2.5 A output current IGBT drive
optocoupler capable of driving most 1200 V / 150 A IGBTs. It is
ideally suited for fast−switching driving of power IGBTs and
MOSFETs used in motor control inverter applications and
high−performance power systems. It consists of an integrated gate
drive optocoupler featuring low RDS(ON) CMOS transistors to drive
the IGBT from rail to rail and an integrated high−speed isolated
feedback for fault sensing. The FOD8318 has an active Miller clamp
fuction to shut off the IGBT during a high dv/dt situation without the
need of a negative supply voltage. It offers critical protection features
necessary for preventing fault conditions that lead to destructive
thermal runaway of IGBTs.
It utilizes onsemi’s proprietary OPTOPLANAR® coplanar
packaging technology and optimized IC design to achieve high noise
immunity, characterized by high common mode rejection and power
supply rejection specifications.
The device is housed in a compact 16−pin small outline plastic
package that meets the 8 mm creepage and clearance requirements.
Features
• High Noise Immunity Characterized by Common Mode Rejection
♦ 35 kV / s Minimum Common Mode Rejection
(Vcm = 1500 Vpeak)
• 2.5 A Peak Output Current Driving Capability for Most 1200 V /
150 A IGBT
• Optically Isolated Fault Sensing Feedback
• Active Miller Clamp to Shut Off the IGBT During High dv/dt
without Needing a Negative Supply Voltage
• “Soft” IGBT Turn−off
• Built−in IGBT Protection
♦ Desaturation Detection
♦ Under−voltage Lock Out (UVLO) Protection
• Wide Supply Voltage Range from 15 V to 30 V
♦ Use of P−Channel MOSFETs at Output Stage Enables Output
Voltage Swing Close to the Supply Rail (Rail−to−rail Output)
• 3.3 V / 5 V, CMOS/TTL−compatible Inputs
• High Speed
♦ 250 ns Max. Propagation Delay over Full Operating
Temperature Range
Features (continued)
• Extended Industrial Temperate Range,
−40°C to 100°C Temperature Range
• Safety and Regulatory Approvals
♦ UL1577, 4,243 VRMS for 1 min.
♦ DIN EN/IEC 60747−5−5,1,414 Vpeak
Working Insulation Voltage, 8000 Vpeak
Transient Isolation Voltage Ratings
• RDS(ON) of 1  (Typ.) Offers Lower Power
Dissipation
• User Configurable: Inverting, Non−inverting,
Auto−reset, Auto−shutdown
• 8 mm Creepage and Clearance Distances
Applications
• Industrial Inverter
• Induction Heating
• Isolated IGBT Drive




Similar Part No. - FOD8318

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
ON Semiconductor
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
logo
Fairchild Semiconductor
FOD8318R2 FAIRCHILD-FOD8318R2 Datasheet
608Kb / 31P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
ON Semiconductor
FOD8318R2 ONSEMI-FOD8318R2 Datasheet
497Kb / 30P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
logo
Fairchild Semiconductor
FOD8318R2V FAIRCHILD-FOD8318R2V Datasheet
608Kb / 31P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
More results


Similar Description - FOD8318

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8318 FAIRCHILD-FOD8318 Datasheet
608Kb / 31P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-316J AVAGO-HCPL-316J Datasheet
596Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-331J-500E AVAGO-ACPL-331J-500E Datasheet
300Kb / 22P
1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO, Fault Status Feedback and Active Miller Clamping
HCPL-316J-500E AVAGO-HCPL-316J-500E Datasheet
332Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
ACPL-332J-000E AVAGO-ACPL-332J-000E Datasheet
299Kb / 23P
2.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection, UVLO Fault Status Feedback and Active Miller Clamping
ACPL-5160 AVAGO-ACPL-5160 Datasheet
557Kb / 33P
2.5 Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
Broadcom Corporation.
ACPL-5160 BOARDCOM-ACPL-5160 Datasheet
2Mb / 36P
2.5-Amp Gate Drive Optocoupler with Integrated (VCE) Desaturation Detection and Fault Status Feedback
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8318 ONSEMI-FOD8318 Datasheet
497Kb / 30P
2.5 A Output Current, IGBT Drive Optocoupler with Active Miller Clamp, Desaturation Detection, and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316_V01 Datasheet
463Kb / 28P
2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com