Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IBA Datasheet (PDF) - NXP Semiconductors

P83C524IBA Datasheet PDF - NXP Semiconductors
Part # P83C524IBA
Download  P83C524IBA Download
File Size   400.68 Kbytes
Page   76 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers

P83C524IBA Datasheet (PDF)

Go To PDF Page Download Datasheet
P83C524IBA Datasheet PDF - NXP Semiconductors

Part # P83C524IBA
Download  P83C524IBA Click to download

File Size   400.68 Kbytes
Page   76 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit microcontrollers

P83C524IBA Datasheet (HTML) - NXP Semiconductors


P83C524IBA Product details

GENERAL DESCRIPTION

The P83C524 and P83C528 single-chip 8-bit microcontrollers are manufactured in an advanced CMOS process and are derivatives of the PCB80C51 microcontroller family. These devices provide architectural enhancements that make them applicable in a variety of applications in general control systems, especially in those systems which need a large ROM and RAM capacity on chip.

The P83C524 and P83C528 contain a non-volatile 16 k × 8 respectively 32 k × 8 read-only program memory, a volatile 512 bytes × 8 read/write data memory, four 8-bit I/O ports, two 16-bit timer/event counters (identical to the timers of the 80C51), a 16-bit timer (identical to the timer 2 of the 8052), a multi-source, two-priority-level, nested interrupt structure, two serial interfaces (UART and bit-level I2C-bus), a watchdog timer (WDT) with a separate oscillator, an on-chip oscillator and timing circuits. For systems that require extra capability, the P83C524 and P83C528 can be expanded using standard TTL compatible memories and logic.

The device also functions as an arithmetic processor having facilities for both binary and BCD arithmetic plus bit-handling capabilities. The P83C524 and P83C528 have the same instruction set as the PCB80C51 which consists of over 100 instructions: 49 one-byte, 46 two-byte and 16 three-byte. With a 16 MHz crystal, 58% of the instructions are executed in 750 ns and 40% in 1.5 µs. Multiply and divide instructions require 3 µs.



FEATURES

• 80C51 CPU

• 32 kbytes on-chip ROM, expandable externally to 64 kbytes Program Memory address space

• P83C524:

   – 16 kbytes on-chip ROM, expandable externally from 32 kbytes to 64 kbytes Program Memory address space (address space 16 k to 32 k not usable)

• P80C528:

   – ROMless version of P83C528

• P83C528:

   – 32 kbytes on-chip ROM, expandable externally from 32 kbytes to 64 kbytes Program Memory address space

• EPROM versions are available: see separate data sheet P87C524 and P87C528

• 512 bytes on-chip RAM, expandable externally to 64 kbytes Data Memory address space

• Four 8-bit I/O ports

• Full-duplex UART compatible with the standard 80C51 and the 8052

• Two standard 16-bit timer/counters

• An additional 16-bit timer (functionally equivalent to the timer 2 of the 8052)

• On-chip Watchdog Timer (WDT) with an own oscillator

• Bit-level I2C-bus hardware serial I/O Port

• 7-source and 7-vector interrupt structure with 2 priority levels

• Up to 3 external interrupt request inputs

• Two programmable power reduction modes (Idle and Power-down)

• Termination of Idle mode by any interrupt, external or WDT (watchdog) reset

• Wake-up from Power-down by external interrupt, external or WDT reset

• ROM code protection

• XTAL frequency range: 3.5 MHz to 16 MHz and 3.5 MHz to 24 MHz

• All packaging pin-outs fully compatible to the standard 8051/8052.



 




Similar Part No. - P83C524IBA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C528FBA PHILIPS-P83C528FBA Datasheet
447Kb / 26P
CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBAA PHILIPS-P83C528FBAA Datasheet
447Kb / 26P
CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBB PHILIPS-P83C528FBB Datasheet
447Kb / 26P
CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBBB PHILIPS-P83C528FBBB Datasheet
447Kb / 26P
CMOS single-chip 8-bit microcontroller
1995 Feb 02
P83C528FBP PHILIPS-P83C528FBP Datasheet
447Kb / 26P
CMOS single-chip 8-bit microcontroller
1995 Feb 02
More results


Similar Description - P83C524IBA

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
8-Bit Microcontrollers
logo
fujitsu semiconductor
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
8-Bit Microcontrollers
logo
fujitsu semiconductor
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
8-bit Microcontrollers
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
8-bit Microcontrollers
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
8-bit Microcontrollers
REV 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com