Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1476851 Datasheet (PDF) - PHOENIX CONTACT

1476851 Datasheet PDF - PHOENIX CONTACT
Part # 1476851
Download  1476851 Download
File Size   318.27 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-P12MS/10,0-PUR SH - Sensor/actuator cable

1476851 Datasheet (PDF)

Go To PDF Page Download Datasheet
1476851 Datasheet PDF - PHOENIX CONTACT

Part # 1476851
Download  1476851 Click to download

File Size   318.27 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-P12MS/10,0-PUR SH - Sensor/actuator cable

1476851 Datasheet (HTML) - PHOENIX CONTACT


1476851 Product details

Sensor/actuator cable, 4-position, PUR halogen-free, black-gray RAL 7021, shielded (Advanced
Shielding Technology), Plug straight M12 Push Pull, coding: A, on free cable end, cable length:
10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1476851

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476850 PHOENIX-1476850 Datasheet
318Kb / 7P
SAC-4P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476853 PHOENIX-1476853 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 5,0-PUR SH - Sensor/actuator cable
1476854 PHOENIX-1476854 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476855 PHOENIX-1476855 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
More results


Similar Description - 1476851

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1476854 PHOENIX-1476854 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 3,0-PUR SH - Sensor/actuator cable
1476875 PHOENIX-1476875 Datasheet
380Kb / 8P
SAC-4P-P12MS/ 0,3-PUR/P12FR SH - Sensor/actuator cable
1476803 PHOENIX-1476803 Datasheet
1Mb / 8P
SAC-3P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476853 PHOENIX-1476853 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 5,0-PUR SH - Sensor/actuator cable
1476855 PHOENIX-1476855 Datasheet
318Kb / 7P
SAC-4P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1476841 PHOENIX-1476841 Datasheet
313Kb / 7P
SAC-4P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476877 PHOENIX-1476877 Datasheet
343Kb / 8P
SAC-4P-P12MS/ 3,0-PUR/P12FS SH - Sensor/actuator cable
1224173 PHOENIX-1224173 Datasheet
342Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224179 PHOENIX-1224179 Datasheet
380Kb / 8P
SAC-4P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1476900 PHOENIX-1476900 Datasheet
1Mb / 8P
SAC-5P-P12MS/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com