Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1809271 Datasheet (PDF) - PHOENIX CONTACT

1809271 Datasheet PDF - PHOENIX CONTACT
Part # 1809271
Download  1809271 Download
File Size   640.73 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBC 2,5/ 2-STZFD-5,08 - PCB connector

1809271 Datasheet (PDF)

Go To PDF Page Download Datasheet
1809271 Datasheet PDF - PHOENIX CONTACT

Part # 1809271
Download  1809271 Click to download

File Size   640.73 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBC 2,5/ 2-STZFD-5,08 - PCB connector

1809271 Datasheet (HTML) - PHOENIX CONTACT


1809271 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, type of contact: Socket, number of potentials: 2, number of rows: 1, number
of positions: 2, number of connections: 2, product range: MSTBC 2,5/..-STZFD, pitch: 5.08 mm,
connection method: Crimp connection, mounting: Direct mounting, conductor/PCB connection
direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB 2,5, locking:
Screw locking, mounting: Screw flange, type of packaging: packed in cardboard, Corresponding
female crimp contacts with current [A] and conductor cross section range [mm2] data:
10A/MSTBC-MT 0,5-1,0 (3190564); 10A/MSTBC-MT 0,5-1,0 BA (3190645); 12A/MSTBC-MT
1,5-2,5 (3190551); 12A/MSTBC-MT 1,5-2,5 BA (3190658). BA = Bandkontakte

Your advantages
• Inexpensive connection of large quantities of pre-assembled conductors
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point




Similar Part No. - 1809271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809270 PHOENIX-1809270 Datasheet
64Kb / 5P
Printed-circuit board connector - MSTBVA 2,5/ 3-G-5,08-LR
More results


Similar Description - 1809271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809352 PHOENIX-1809352 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/10-STZFD-5,08
1809284 PHOENIX-1809284 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/ 3-STZFD-5,08
1809297 PHOENIX-1809297 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/ 4-STZFD-5,08
1809323 PHOENIX-1809323 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/ 7-STZFD-5,08
1809378 PHOENIX-1809378 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/12-STZFD-5,08
1809381 PHOENIX-1809381 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/13-STZFD-5,08
1809404 PHOENIX-1809404 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/15-STZFD-5,08
1809433 PHOENIX-1809433 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/18-STZFD-5,08
1809475 PHOENIX-1809475 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/22-STZFD-5,08
1809488 PHOENIX-1809488 Datasheet
80Kb / 4P
Printed-circuit board connector - MSTBC 2,5/23-STZFD-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com