Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1922491 Datasheet (PDF) - PHOENIX CONTACT

1922491 Datasheet PDF - PHOENIX CONTACT
Part # 1922491
Download  1922491 Download
File Size   536.59 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCV 6-16/ 3-G-10,16 - PCB header

1922491 Datasheet (PDF)

Go To PDF Page Download Datasheet
1922491 Datasheet PDF - PHOENIX CONTACT

Part # 1922491
Download  1922491 Click to download

File Size   536.59 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCV 6-16/ 3-G-10,16 - PCB header

1922491 Datasheet (HTML) - PHOENIX CONTACT


1922491 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 76 A (41 A in
combination with PC 6 plug), rated voltage (III/2): 1000 V, contact surface: Silver, type of contact:
Pin, number of potentials: 3, number of rows: 1, number of positions: 3, number of connections:
3, product range: PCV 6-16/..-G, pitch: 10.16 mm, mounting: Wave soldering, pin layout: Linear
pinning, solder pin [P]: 4 mm, number of solder pins per potential: 3, plug-in system: COMBICON
PC 16, Pin connector pattern alignment: Standard, locking: without, mounting: without, type of
packaging: packed in cardboard, The nominal current of 76 A applies in connection with
connectors from the PC 16 family. 41 A are reached in connection with PC 6 connectors (50 A in
accordance with UL).

Your advantages
• Well-known mounting principle allows worldwide use
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1922491

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
19224 FESTO-19224 Datasheet
82Kb / 2P
ISO cylinder
logo
PHOENIX CONTACT
1922488 PHOENIX-1922488 Datasheet
242Kb / 8P
PCB header - PCV 6-16/ 2-G-10,16
More results


Similar Description - 1922491

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1998797 PHOENIX-1998797 Datasheet
150Kb / 5P
PCV 6-16/ 3-G1-10,16
1998881 PHOENIX-1998881 Datasheet
122Kb / 6P
Header - PCV 6-16/ 4-G1F-10,16
1922556 PHOENIX-1922556 Datasheet
69Kb / 4P
Base strip - PCV 6-16/ 9-G-10,16
1922530 PHOENIX-1922530 Datasheet
69Kb / 4P
Base strip - PCV 6-16/ 7-G-10,16
1922543 PHOENIX-1922543 Datasheet
69Kb / 4P
Base strip - PCV 6-16/ 8-G-10,16
1922527 PHOENIX-1922527 Datasheet
69Kb / 4P
Base strip - PCV 6-16/ 6-G-10,16
1998878 PHOENIX-1998878 Datasheet
120Kb / 6P
Header - PCV 6-16/ 3-G1F-10,16
1922514 PHOENIX-1922514 Datasheet
291Kb / 9P
PCB header - PCV 6-16/ 5-G-10,16
Jan 3, 2023
1922488 PHOENIX-1922488 Datasheet
242Kb / 8P
PCB header - PCV 6-16/ 2-G-10,16
1922501 PHOENIX-1922501 Datasheet
295Kb / 9P
PCB header - PCV 6-16/ 4-G-10,16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com