Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1936063 Datasheet (PDF) - PHOENIX CONTACT

1936063 Datasheet PDF - PHOENIX CONTACT
Part # 1936063
Download  1936063 Download
File Size   242.89 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBVA 2,5/ 7-G-5,08-RN - PCB header

1936063 Datasheet (PDF)

Go To PDF Page Download Datasheet
1936063 Datasheet PDF - PHOENIX CONTACT

Part # 1936063
Download  1936063 Click to download

File Size   242.89 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBVA 2,5/ 7-G-5,08-RN - PCB header

1936063 Datasheet (HTML) - PHOENIX CONTACT


1936063 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, type of contact: Pin, number of potentials: 7, number of rows:
1, number of positions: 7, number of connections: 7, product range: MSTBVA 2,5/..-G-RN, pitch:
5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9 mm, number
of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin connector pattern
alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type of packaging:
packed in cardboard, Article with engagement nose

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Closed contour for optimum stability of the plug-in connection
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1936063

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
193600 FESTO-193600 Datasheet
84Kb / 1P
Vacuum generator
logo
PHOENIX CONTACT
1936005 PHOENIX-1936005 Datasheet
447Kb / 12P
MKDSN 2,5/ 8-5,08 - PCB terminal block
logo
HARTING Technology Grou...
19360061440 HARTING-19360061440 Datasheet
471Kb / 2P
Han 6B Ex-HTE-LC-M20 for SL
2021-10-01
19360061441 HARTING-19360061441 Datasheet
471Kb / 2P
Han 6B Ex-HTE-LC-M25 for SL
2021-10-01
19360061541 HARTING-19360061541 Datasheet
518Kb / 2P
Han 6B Ex-HSE-LC-M25 for SL
More results


Similar Description - 1936063

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755781 PHOENIX-1755781 Datasheet
152Kb / 6P
MSTBVA 2,5/ 7-G-5,08
1815646 PHOENIX-1815646 Datasheet
52Kb / 3P
MSTBVA 2,5/ 3-G-5,08-RN AU
1936034 PHOENIX-1936034 Datasheet
65Kb / 4P
Base strip - MSTBVA 2,5/ 4-G-5,08-RN
1936018 PHOENIX-1936018 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 2-G-5,08-RN
Jan 5, 2023
1936050 PHOENIX-1936050 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 6-G-5,08-RN
Jan 3, 2023
1936089 PHOENIX-1936089 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/ 9-G-5,08-RN
Jan 10, 2023
1936092 PHOENIX-1936092 Datasheet
223Kb / 8P
PCB header - MSTBVA 2,5/10-G-5,08-RN
Jan 4, 2023
1926015 PHOENIX-1926015 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 2-G-5,08-RN
1926073 PHOENIX-1926073 Datasheet
225Kb / 8P
PCB header - MSTBA 2,5/ 8-G-5,08-RN
1944592 PHOENIX-1944592 Datasheet
305Kb / 9P
MSTBVA 2,5/ 2-G-RN - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com