Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPS11D Datasheet (PDF) - Endress+Hauser Group Services AG

CPS11D Datasheet PDF - Endress+Hauser Group Services AG
Part # CPS11D
Download  CPS11D Download
File Size   982.09 Kbytes
Page   16 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description pH sensor for standard applications in process technology and environmental engineering

CPS11D Datasheet (PDF)

Go To PDF Page Download Datasheet
CPS11D Datasheet PDF - Endress+Hauser Group Services AG

Part # CPS11D
Download  CPS11D Click to download

File Size   982.09 Kbytes
Page   16 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description pH sensor for standard applications in process technology and environmental engineering

CPS11D Datasheet (HTML) - Endress+Hauser Group Services AG


CPS11D Product details

Application
• Long-term monitoring and limit control in processes with stable process conditions
• Chemical industry: strong acids/bases, plastic, pulp and paper industry
• Power stations (e.g. flue gas scrubbing), oil and gas
• Incinerator plants
• Water and wastewater treatment
• Boiler feedwater and cooling water
• Well water and drinking water
• All industrial and municipal treatment plants

Your benefits
• Low-maintenance and robust thanks to large, dirt-repellent PTFE ring junction
• Can be used at pressures up to 17 bar (246.5 psi) (absolute)
• Process glass also for very alkaline applications (BA and BT versions)
• Process glass for applications in media containing hydrofluoric acid (FA version)
• For media with low conductivity (AS version)
• Integrated NTC 30K (Memosens) temperature sensor for effective temperature
compensation
• Optional: poison-resistant reference with ion trap




Similar Part No. - CPS11D

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPS110 CENTRAL-CPS110 Datasheet
37Kb / 1P
Silicon Controlled Rectifier 12 Amp Sensitive Gate SCR Chip
logo
Endress+Hauser Group Se...
CPS11E EH-CPS11E Datasheet
738Kb / 12P
pH sensor for standard applications in process technology and environmental engineering
More results


Similar Description - CPS11D

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SEN5X SENSIRION-SEN5X Datasheet
1Mb / 30P
Environmental Sensor Node for HVAC and Air Quality Applications
Version 2 - D1 - March 2022
logo
Endress+Hauser Group Se...
CPS11E EH-CPS11E Datasheet
738Kb / 12P
pH sensor for standard applications in process technology and environmental engineering
CPS12E EH-CPS12E Datasheet
686Kb / 12P
ORP sensor for standard applications in process technology and environmental engineering
2020-06-29
CPS16E EH-CPS16E Datasheet
1Mb / 12P
pH/ORP sensor for standard applications in process technology and environmental engineering
2021-04-30
CPS31E EH-CPS31E Datasheet
927Kb / 12P
pH sensor for standard applications in drinking water and swimming pool water
2021-01-11
CPS41E EH-CPS41E Datasheet
866Kb / 12P
pH sensor for process technology
2020-08-10
CPS42E EH-CPS42E Datasheet
900Kb / 12P
ORP sensor for process technology
2021-01-11
CPS71E EH-CPS71E Datasheet
873Kb / 12P
pH sensor for chemical process applications
2021-03-08
CPS72E EH-CPS72E Datasheet
838Kb / 12P
ORP sensor for chemical process applications
2021-01-11
CPS76E EH-CPS76E Datasheet
1Mb / 12P
pH/ORP sensor for process technology
2021-04-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com