Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDXXGA3MEFJ-M Datasheet (PDF) - Rohm

BDXXGA3MEFJ-M Datasheet PDF - Rohm
Part # BDXXGA3MEFJ-M
Download  BDXXGA3MEFJ-M Download
File Size   997.27 Kbytes
Page   24 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Automotive 300mA Variable Output LDO Regulator

BDXXGA3MEFJ-M Datasheet (PDF)

Go To PDF Page Download Datasheet
BDXXGA3MEFJ-M Datasheet PDF - Rohm

Part # BDXXGA3MEFJ-M
Download  BDXXGA3MEFJ-M Click to download

File Size   997.27 Kbytes
Page   24 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Automotive 300mA Variable Output LDO Regulator

BDXXGA3MEFJ-M Datasheet (HTML) - Rohm


BDXXGA3MEFJ-M Product details

●Features
◼ High accuracy reference voltage circuit
◼ Built-in Over Current Protection circuit (OCP)
◼ Built-in Thermal Shut Down circuit (TSD)
◼ With shut down switch
◼ AEC-Q100 Qualified




Similar Part No. - BDXXGA3MEFJ-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BDXXGA3WNUX ROHM-BDXXGA3WNUX Datasheet
858Kb / 23P
300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
More results


Similar Description - BDXXGA3MEFJ-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
300mA Standard Variable Output LDO Regulator
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
300mA Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
Automotive 300mA Variable Output LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
Automotive 0.5A Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
300mA Variable Output Industrial LDO Regulator
BD00IA5MHFV-M ROHM-BD00IA5MHFV-M Datasheet
2Mb / 31P
Automotive 0.5A Variable Output LDO Regulator
BDXXGA5MEFJ-M ROHM-BDXXGA5MEFJ-M Datasheet
1Mb / 24P
Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXIA5MEFJ-M ROHM-BDXXIA5MEFJ-M Datasheet
949Kb / 24P
Automotive 0.5A Variable Output LDO Regulator
2021.10.11 Rev.002
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com