Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS2515 Datasheet (PDF) - NXP Semiconductors

PBSS2515 Datasheet PDF - NXP Semiconductors
Part # PBSS2515
Download  PBSS2515 Download
File Size   69.97 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 15 V low VCEsat NPN double transistor

PBSS2515 Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS2515 Datasheet PDF - NXP Semiconductors

Part # PBSS2515
Download  PBSS2515 Click to download

File Size   69.97 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 15 V low VCEsat NPN double transistor

PBSS2515 Datasheet (HTML) - NXP Semiconductors


PBSS2515 Product details

DESCRIPTION
NPN low VCEsat double transistor in a SOT666 plastic package.
PNP complement: PBSS3515VS.
   
FEATURES
• 300 mW total power dissipation
• Very small 1.6 x 1.2 mm ultra thin package
• Excellent coplanarity due to straight leads
• Low collector-emitter saturation voltage
• High current capability
• Improved thermal behaviour due to flat lead
• Replaces two SC-75/SC-89 packaged low VCEsat transistors on same PCB area
• Reduces required PCB area
• Reduced pick and place costs.
   
APPLICATIONS
• General purpose switching and muting
• Low frequency driver circuits
• LCD backlighting
• Audio frequency general purpose amplifier applications
• Battery driven equipment (mobile phones, video cameras and hand-held devices).
   




Similar Part No. - PBSS2515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS2515E NXP-PBSS2515E Datasheet
128Kb / 12P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02-21 April 2009
logo
Nexperia B.V. All right...
PBSS2515E NEXPERIA-PBSS2515E Datasheet
242Kb / 13P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02 - 21 April 2009
logo
NXP Semiconductors
PBSS2515F PHILIPS-PBSS2515F Datasheet
66Kb / 8P
15 V low VCEsat NPN transistor
2001 Sep 21
PBSS2515M NXP-PBSS2515M Datasheet
151Kb / 9P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
logo
Nexperia B.V. All right...
PBSS2515M NEXPERIA-PBSS2515M Datasheet
355Kb / 10P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
More results


Similar Description - PBSS2515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS3515VS PHILIPS-PBSS3515VS Datasheet
68Kb / 12P
15 V low VCEsat PNP double transistor
2001 Nov 07
PBSS2515F PHILIPS-PBSS2515F Datasheet
66Kb / 8P
15 V low VCEsat NPN transistor
2001 Sep 21
PBSS2515E NXP-PBSS2515E Datasheet
128Kb / 12P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
Rev. 02-21 April 2009
PBSS2515M NXP-PBSS2515M Datasheet
151Kb / 9P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
logo
Nexperia B.V. All right...
PBSS2515MB NEXPERIA-PBSS2515MB Datasheet
1Mb / 12P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
PBSS2515YPN-Q NEXPERIA-PBSS2515YPN-Q Datasheet
243Kb / 11P
15 V low VCEsat NPN/PNP transistor
17 February 2022
PBSS2515M NEXPERIA-PBSS2515M Datasheet
355Kb / 10P
15 V, 0.5 A NPN low VCEsat (BISS) transistor
2003 Sep 15
PBSS2515VS NEXPERIA-PBSS2515VS Datasheet
201Kb / 9P
15 V low VCEsat NPN double transistor
28 December 2022
PBSS2515YPN NEXPERIA-PBSS2515YPN Datasheet
266Kb / 11P
15 V low VCEsat NPN/PNP transistor
1 October 2022
PBSS3515VS NEXPERIA-PBSS3515VS Datasheet
201Kb / 9P
15 V low VCEsat PNP double transistor
28 December 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com