Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD64004A Datasheet (PDF) - List of Unclassifed Manufacturers

PD64004A Datasheet PDF - List of Unclassifed Manufacturers
Part # PD64004A
Download  PD64004A Download
File Size   156.55 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 4-port PoE PSE Manager

PD64004A Datasheet (PDF)

Go To PDF Page Download Datasheet
PD64004A Datasheet PDF - List of Unclassifed Manufacturers

Part # PD64004A
Download  PD64004A Click to download

File Size   156.55 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 4-port PoE PSE Manager

PD64004A Datasheet (HTML) - List of Unclassifed Manufacturers


PD64004A Product details

[PowerDsine]



PD64004A  is  a  four-port,  mixed-signal,  high-voltage Power  over  Ethernet  PSE  Manager.  The  IC allows  the  detection  of  IEEE  802.3af-2003  powered  devices,  ensuring  safe  power  feeding  and removal  over  Ethernet  ports.  With  full  digital  control  via  a  serial  communication  interface  and  a minimum  of  external  components,  the  IC  integrates  in  multi-port  and  highly  populated  Ethernet switches.

The  PD64004A  has  three  possible  working  configurations:  an  Automatic  stand-alone  mode,  for  basic  PoE functions, the PoE+ Mode supporting legacy devices  and autonomous operation with the PD33000G MCU and an Enhanced mode, for extended functions and added flexibility with the PD63000G and PD83000G MCU’s.



Features  Benefits

IEEE 802.3af-2003

Compliant with IEEE 802.3af and pre-stand PD’s

4-ports standalone PoE control

Power classification with bypass option

AC disconnect

DC disconnect with DC modulation

Supports RFC3621

Freedom to power all PoE PD’s including Cisco’s inline power

Highest integration on the market, enabling the lowest real-estate occupation

Reliable and simple AC implementation

Supports low power devices

Enables integration in Managed Switches



Architecture

I2C or UART host interface

7-bit I2C address selectability

Opto-coupler compatible communication lines

Up to 88 ports operating autonomously

Backwards compatible with all PD64008 based message based user interface

Up to 1528 ports on a switch

Can be used with PD64012G



Technology

Best-in-industry integration

Single operating voltage source (44 to 57V)

80V SmartMOS8 technology

-40oC to +85oC operating ambient temperature

QFN-48-PS package, ROHS compliant

Minimum per port external components

No need for external DC/DC converter

Power, high-voltage analog and high density digital logic functions

Fit for industrial applications



System Enhancement

Per-IC soft start mechanism

System-wide inrush protection

Internal voltages monitoring and auto reset mechanism (Power-On_Reset)

Over-voltage and under-voltage protection/lock out

Dynamic Power Management

Emergency Power Management (Enhanced Mode)

Support for 4-pairs High power architecture (Enhanced Mode)

Maskeable Interrupt

Programmable port matrix (Enhanced mode)

LED streaming (Enhanced) or driving (PoE+)

Temperature sense/monitoring

Minimal power supply stress and EMI noises

Power management based on power allocation and priority map, on class value or on both, provides full flexibility and optimal power supply usage

Prioritization of ports in case of power reduction

Used for power supply failure conditions

Capable of powering of up to 31W over 4-pairs

Logical to physical port map

User can receive interrupts on status or have automatic/direct LED driving

Enables system monitoring

Per port thermal protection, including PCB protection




Similar Part No. - PD64004A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
4-PORT HPoE PSE MANAGER
PD64004AH MICROSEMI-PD64004AH Datasheet
759Kb / 19P
4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
More results


Similar Description - PD64004A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
4-PORT HPoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
12-PORT HPoE PSE MANAGER
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com