Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPA250 Datasheet (PDF) - Endress+Hauser Group Services AG

CPA250 Datasheet PDF - Endress+Hauser Group Services AG
Part # CPA250
Download  CPA250 Download
File Size   501.45 Kbytes
Page   8 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Flow assembly for pH and ORP sensors

CPA250 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPA250 Datasheet PDF - Endress+Hauser Group Services AG

Part # CPA250
Download  CPA250 Click to download

File Size   501.45 Kbytes
Page   8 Pages
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG
Description Flow assembly for pH and ORP sensors

CPA250 Datasheet (HTML) - Endress+Hauser Group Services AG


CPA250 Product details

Application
The CPA250 assembly is totally made of corrosion resistant
plastic. It is designed for pipeline installation of Pg 13.5 pH or
ORP sensors with installation length 120 mm (4.72 inch).
Inlet and outlet of the fluid lie on one axis. Due to especially
designed internal fluid deviation and siphon, the sensors are
kept wet even when the flow is interrupted.
Main areas of application are:
• Water treatment
• Drinking water
• Process applications
• Cooling water cycle




Similar Part No. - CPA250

ManufacturerPart #DatasheetDescription
logo
Power-One
CPA250 POWER-ONE-CPA250 Datasheet
117Kb / 4P
250 WATT
CPA250-4530 POWER-ONE-CPA250-4530 Datasheet
117Kb / 4P
250 WATT
logo
Bel Fuse Inc.
CPA250-4530 BEL-CPA250-4530 Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
CPA250-4530G BEL-CPA250-4530G Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
CPA250-4530G139 BEL-CPA250-4530G139 Datasheet
606Kb / 7P
End of life (EOL) for certain part numbers with little or no activity
More results


Similar Description - CPA250

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
407228 EXTECH-407228 Datasheet
267Kb / 1P
Heavy Duty pH/ORP/Temp Kit
logo
Endress+Hauser Group Se...
CPM223 EH-CPM223 Datasheet
1,004Kb / 24P
pH/ORP measurement
CPS16E EH-CPS16E Datasheet
1Mb / 12P
pH/ORP sensor for standard applications in process technology and environmental engineering
2021-04-30
CCA250 EH-CCA250 Datasheet
525Kb / 8P
Flow assembly for chlorine and pH/ORP sensors
CPA472D EH-CPA472D Datasheet
945Kb / 20P
Retractable process assembly for pH and ORP sensors Heavy duty version
CPA473 EH-CPA473 Datasheet
966Kb / 20P
Retractable stainless steel process assembly with ball valve for pH and ORP electrodes
11.09
CPA474 EH-CPA474 Datasheet
1,014Kb / 20P
Retractable plastic process assembly with ball valve for pH and ORP electrodes
04.10
CPS76E EH-CPS76E Datasheet
1Mb / 12P
pH/ORP sensor for process technology
2021-04-30
CPS96E EH-CPS96E Datasheet
1Mb / 12P
pH/ORP sensor for heavily polluted media and suspended solids
2021-04-30
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com