Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS4350S Datasheet (PDF) - NXP Semiconductors

PBSS4350S Datasheet PDF - NXP Semiconductors
Part # PBSS4350S
Download  PBSS4350S Download
File Size   79.0 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 50 V low VCEsat NPN transistor

PBSS4350S Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS4350S Datasheet PDF - NXP Semiconductors

Part # PBSS4350S
Download  PBSS4350S Click to download

File Size   79.0 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 50 V low VCEsat NPN transistor

PBSS4350S Datasheet (HTML) - NXP Semiconductors


PBSS4350S Product details

DESCRIPTION
NPN low VCEsattransistor in a SOT54 plastic package. PNP complement: PBSS5350S.

FEATURES
• High power dissipation (830 mW)
• Ultra low collector-emitter saturation voltage
• 3 A continuous current
• High current switching
• Improved device reliability due to reduced heat generation

APPLICATIONS
• Medium power switching and muting
• Linear regulators
• DC/DC convertor
• Supply line switching circuits
• Battery management applications
• Strobe flash units
• Heavy duty battery powered equipment (motor and lamp drivers).




Similar Part No. - PBSS4350S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4350SPN NXP-PBSS4350SPN Datasheet
100Kb / 14P
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
logo
Nexperia B.V. All right...
PBSS4350SPN NEXPERIA-PBSS4350SPN Datasheet
730Kb / 19P
50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01 - 5 April 2007
PBSS4350SPN NEXPERIA-PBSS4350SPN Datasheet
696Kb / 14P
50 V, 2.7 A NPN/NPN low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
logo
NXP Semiconductors
PBSS4350SPN PHILIPS-PBSS4350SPN_15 Datasheet
140Kb / 19P
50 V, 2.7 A NPN/PNP low VCEsat (BISS) transistor
Rev. 01-5 April 2007
PBSS4350SS NXP-PBSS4350SS Datasheet
100Kb / 14P
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01 - 3 April 2007
More results


Similar Description - PBSS4350S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS4350Z PHILIPS-PBSS4350Z Datasheet
83Kb / 12P
50 V low VCEsat NPN transistor
2003 May 13
PBSS4350D NXP-PBSS4350D Datasheet
316Kb / 9P
50 V low VCEsat NPN transistor
2001 Jul 13
PBSS4350Z NXP-PBSS4350Z Datasheet
162Kb / 9P
50 V low VCEsat NPN transistor
2003 May 13
PBSS4350D PHILIPS-PBSS4350D_15 Datasheet
316Kb / 9P
50 V low VCEsat NPN transistor
2001 Jul 13
PBSS4350Z PHILIPS-PBSS4350Z_15 Datasheet
162Kb / 9P
50 V low VCEsat NPN transistor
2003 May 13
logo
Nexperia B.V. All right...
PBSS4350T-Q NEXPERIA-PBSS4350T-Q Datasheet
230Kb / 12P
50 V; 3 A NPN low VCEsat transistor
10 May 2022
PBSS4350X NEXPERIA-PBSS4350X Datasheet
277Kb / 12P
50 V, 3 A NPN low VCEsat transistor
16 May 2022
PBSS4350D NEXPERIA-PBSS4350D Datasheet
503Kb / 10P
50 V low VCEsat NPN transistor
2001 Jul 13
PBSS4350T NEXPERIA-PBSS4350T Datasheet
1Mb / 13P
50 V; 3 A NPN low VCEsat transistor
1 January 2023
PBSS4350Z NEXPERIA-PBSS4350Z Datasheet
226Kb / 12P
50 V low VCEsat NPN transistor
26 June 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com