Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1860934 Datasheet (PDF) - PHOENIX CONTACT

1860934 Datasheet PDF - PHOENIX CONTACT
Part # 1860934
Download  1860934 Download
File Size   378.75 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCOW 2,5/18-STF-5,08 - PCB connector

1860934 Datasheet (PDF)

Go To PDF Page Download Datasheet
1860934 Datasheet PDF - PHOENIX CONTACT

Part # 1860934
Download  1860934 Click to download

File Size   378.75 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCOW 2,5/18-STF-5,08 - PCB connector

1860934 Datasheet (HTML) - PHOENIX CONTACT


1860934 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
18, number of rows: 1, number of positions: 18, number of connections: 18, product range:
FKCOW 2,5/..-STF, pitch: 5.08 mm, connection method: Push-in spring connection,
conductor/PCB connection direction: -90 °, locking clip: - Locking clip, plug-in system:
COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• The conductor connection orthogonal to the direction of operation simplifies the cabling of DIN-rail-mountable devices
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button
• Screwable flange for superior mechanical stability
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1860934

ManufacturerPart #DatasheetDescription
logo
Atom Lighting
18609 ATOM-18609 Datasheet
287Kb / 2P
AT9421
24th of January 2025 13:38:02
logo
PHOENIX CONTACT
1860905 PHOENIX-1860905 Datasheet
391Kb / 13P
FKCOW 2,5/15-STF-5,08 - PCB connector
logo
Chicago Miniature Lamp,...
18609130 CML-18609130 Datasheet
302Kb / 1P
StarLEDs T31/4 (10x25mm) E10
18609131 CML-18609131 Datasheet
302Kb / 1P
StarLEDs T31/4 (10x25mm) E10
18609132 CML-18609132 Datasheet
302Kb / 1P
StarLEDs T31/4 (10x25mm) E10
More results


Similar Description - 1860934

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1860811 PHOENIX-1860811 Datasheet
422Kb / 14P
FKCOW 2,5/ 6-STF-5,08 - PCB connector
1860950 PHOENIX-1860950 Datasheet
390Kb / 13P
FKCOW 2,5/20-STF-5,08 - PCB connector
1860976 PHOENIX-1860976 Datasheet
371Kb / 12P
FKCOW 2,5/22-STF-5,08 - PCB connector
1860989 PHOENIX-1860989 Datasheet
371Kb / 12P
FKCOW 2,5/23-STF-5,08 - PCB connector
1860905 PHOENIX-1860905 Datasheet
391Kb / 13P
FKCOW 2,5/15-STF-5,08 - PCB connector
1860824 PHOENIX-1860824 Datasheet
421Kb / 14P
FKCOW 2,5/ 7-STF-5,08 - PCB connector
1860947 PHOENIX-1860947 Datasheet
390Kb / 13P
FKCOW 2,5/19-STF-5,08 - PCB connector
1860921 PHOENIX-1860921 Datasheet
391Kb / 13P
FKCOW 2,5/17-STF-5,08 - PCB connector
1860785 PHOENIX-1860785 Datasheet
441Kb / 15P
FKCOW 2,5/ 3-STF-5,08 - PCB connector
1860798 PHOENIX-1860798 Datasheet
410Kb / 14P
FKCOW 2,5/ 4-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com