Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE074 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE074 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE074
Download  EE074 Download
File Size   1031.92 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Temperature Probe with Modbus RTU

EE074 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE074 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE074
Download  EE074 Click to download

File Size   1031.92 Kbytes
Page   8 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Temperature Probe with Modbus RTU

EE074 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE074 Product details

Features
Mechanical construction
▪ IP68 stainless steel enclosure
▪ Encapsulated electronics
Configuration and adjustment
▪ Free configuration software
Measurement performance
▪ ±0.1 °C (±0.18 °F) accuracy
▪ Wide measuring range
-70…+105 °C (-94...+221 °F)
▪ Compatible with dry block calibrators
Installation
▪ Various probe lengths
▪ Immersion well
▪ Wall mounting clip
Connection
▪ RS485 with Modbus RTU
▪ M12x1 connector
Immersion well (optional)
▪ Up to PN 25 (363 psi) bar
Innovative mounting spring
▪ For mounting the probe in the
immersion well
▪ No fastening screw, no tools required
Inspection certificate
According to DIN EN 10204-3.1




Similar Part No. - EE074

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
EE07 EPLUSE-EE07 Datasheet
572Kb / 3P
Interchangeable Humidity / Temperature Probes with Digital Output
v2.6
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Digital Interface
03-2023
More results


Similar Description - EE074

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z Datasheet
984Kb / 1P
Wireless Modbus RTU Gateway
logo
PHOENIX CONTACT
2702765 PHOENIX-2702765 Datasheet
81Kb / 5P
The GW MODBUS TCP/RTU... gateway converts serial based Modbus RTU (or ASCII) to Modbus TCP
logo
HARTING Technology Grou...
20-95-000-0018-10 HARTING-20-95-000-0018-10 Datasheet
753Kb / 2P
HAIIC MICA Modbus RTU 2
logo
WAGO Kontakttechnik Gmb...
2789-9915 WAGO-2789-9915 Datasheet
122Kb / 2P
Modbus RTU termination resistor; RJ45
18.10.2021
logo
Advantech Co., Ltd.
ADAM-2520Z ADVANTECH-ADAM-2520Z_V01 Datasheet
330Kb / 1P
Wireless Modbus RTU Gateway
20-Sep-2016
logo
Pepperl+Fuchs Inc.
FB8207H0706 PF-FB8207H0706 Datasheet
527Kb / 3P
Com Unit for MODBUS RTU
FB8207H0706.3 PF-FB8207H0706.3 Datasheet
800Kb / 3P
Com Unit for MODBUS RTU
logo
Advantech Co., Ltd.
EKI-1242ECMS ADVANTECH-EKI-1242ECMS Datasheet
249Kb / 2P
Modbus RTU/TCP to EtherCAT Fieldbus Gateway
17-Jan-2019
logo
Pepperl+Fuchs Inc.
LB8107H0706 PF-LB8107H0706 Datasheet
582Kb / 4P
Com Unit for MODBUS RTU
2020-04-30
logo
Advantech Co., Ltd.
EKI-1242PNMS ADVANTECH-EKI-1242PNMS Datasheet
255Kb / 2P
Modbus RTU/TCP to PROFINET Fieldbus Gateway
26-Sep-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com