Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE462 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

EE462 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # EE462
Download  EE462 Download
File Size   2357.41 Kbytes
Page   7 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description High-Temperature Cable Sensor

EE462 Datasheet (PDF)

Go To PDF Page Download Datasheet
EE462 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # EE462
Download  EE462 Click to download

File Size   2357.41 Kbytes
Page   7 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description High-Temperature Cable Sensor

EE462 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


EE462 Product details

Features
Measuring probe
▪ Working range (glass fibre):
0 °C...350 °C (32 °F...662 °F)
▪ Working range (silicone):
-60 °C...+180 °C (-76 °F...+356 °F)
▪ High chemical and mechanical resistance
▪ Stainless steel sensor sleeve (1.4571 / 316Ti)
Star pressing
▪ Protection rating IP67 / NEMA 4
Cable material
▪ Glass fibre or silicone
Label
▪ Product specific information
Wiring
▪ 2-wire connection




Similar Part No. - EE462

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
EE461 EPLUSE-EE461 Datasheet
827Kb / 7P
Temperature Cable Sensor
03-2023
More results


Similar Description - EE462

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPTA0040 ETC2-HPTA0040 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA0200 ETC2-HPTA0200 Datasheet
199Kb / 3P
High Temperature Pressure Sensor
HPTA0700 ETC2-HPTA0700 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA2000 ETC2-HPTA2000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
HPTA4000 ETC2-HPTA4000 Datasheet
200Kb / 3P
High Temperature Pressure Sensor
logo
BELIMO AIRCONTROLS (USA...
01CT-5AH BELIMO-01CT-5AH Datasheet
345Kb / 4P
Cable Temperature Sensor
22CT-52H BELIMO-22CT-52H Datasheet
425Kb / 5P
Cable Temperature Sensor
logo
Greystone Energy System...
PS-HATSDF GREYSTONE-PS-HATSDF Datasheet
431Kb / 2P
HIGH ACCURACY FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
PS-TSDF GREYSTONE-PS-TSDF Datasheet
431Kb / 2P
FLEXIBLE CABLE DUCT AVERAGE TEMPERATURE SENSOR
logo
E+E Elektronik Ges.m.b....
EE461 EPLUSE-EE461 Datasheet
827Kb / 7P
Temperature Cable Sensor
03-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com